Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1790 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology LT1790 Datasheet HTML 10Page - Linear Technology LT1790 Datasheet HTML 11Page - Linear Technology LT1790 Datasheet HTML 12Page - Linear Technology LT1790 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LT1790
1790fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
4.9975
5
5.0025
V
–0.05
0.05
%
LT1790B
4.995
5
5.005
V
–0.10
0.10
%
LT1790AC
q
4.99400
5
5.00600
V
q
–0.120
0.120
%
LT1790AI
q
4.99125
5
5.00875
V
q
–0.175
0.175
%
LT1790BC
q
4.98625
5
5.01375
V
q
–0.275
0.275
%
LT1790BI
q
4.97938
5
5.02063
V
q
–0.4125
0.4125
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
q
5
10
ppm/
°C
LT1790B
q
12
25
ppm/
°C
Line Regulation
5.5V
≤ VIN ≤ 18V
50
170
ppm/V
q
220
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA
80
160
ppm/mA
q
250
ppm/mA
IOUT Sink = 3mA
70
110
ppm/mA
q
300
ppm/mA
Dropout Voltage (Note 7)
VIN – VOUT, ∆VOUT = 0.1%
IOUT = 0mA
50
100
mV
q
120
mV
IOUT Source = 5mA
q
450
mV
IOUT Sink = 3mA
q
250
mV
Supply Current
No Load
35
60
µA
q
80
µA
Minimum Operating Current—
VOUT = – 5V, 0.1%
100
125
µA
Negative Output (See Figure 7)
Turn-On Time
CLOAD = 1µF
700
µs
Output Noise (Note 8)
0.1Hz
≤ f ≤ 10Hz
80
µVP-P
10Hz
≤ f ≤ 1kHz
118
µVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/
√kHr
Hysteresis (Note 10)
∆T = 0°C to 70°C
q
40
ppm
∆T = –40°C to 85°C
q
100
ppm
The q denotes specifications that apply over the specified temperature
range, otherwise specifications are at TA = 25°C. CL = 1µF and VIN = 5.5V, unless otherwise noted.
5V ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LT1790 is guaranteed functional over the operating
temperature range of – 40
°C to 125°C. The LT1790-1.25 at 125°C is
typically less than 2% above the nominal voltage. The other voltage
options are typically less than 0.25% above their nominal voltage.
Note 3: If the part is stored outside of the specified temperature range, the
output voltage may shift due to hysteresis.
Note 4: ESD (Electrostatic Discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LT1790, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 5: Temperature coefficient is measured by dividing the change in
output voltage by the specified temperature range. Incremental slope is
also measured at 25
°C.
Note 6: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 7: Excludes load regulation errors.
Note 8: Peak-to-peak noise is measured with a single pole highpass filter
at 0.1Hz and a 2-pole lowpass filter at 10Hz. The unit is enclosed in a still
air environment to eliminate thermocouple effects on the leads. The test
time is 10 seconds. Integrated RMS noise is measured from 10Hz to 1kHz
with the HP3561A analyzer.


Similar Part No. - LT1790

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1790 LINER-LT1790 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1790 LINER-LT1790 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
logo
Linear Integrated Syste...
LT1790 LINEAR-LT1790 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
More results

Similar Description - LT1790

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com