Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFG14G Datasheet(PDF) 1 Page - Crydom Inc.,

Part # EFG14G
Description  Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EFG14G Datasheet(HTML) 1 Page - Crydom Inc.,

  EFG14G Datasheet HTML 1Page - Crydom Inc., EFG14G Datasheet HTML 2Page - Crydom Inc., EFG14G Datasheet HTML 3Page - Crydom Inc., EFG14G Datasheet HTML 4Page - Crydom Inc., EFG14G Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EF Series
High Thermal Efficiency
Complete Power Control
Circuits In a Single Package
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Symbol
D
E
F
G
Maximum DC Output Current (Tc = 85°C) (Single Phase Rating)
ID
50 A
75 A
100 A
125 A
Maximum Voltage Drop @ Amps Peak
VF
1.7V @ 50A
1.85V @ 75A
1.4V @ 100A
1.55V @ 125A
Operating Junction Temperature Range
TJ
-40 - 125°C
-40 - 125°C
-40 - 125°C
-40 - 125°C
Critical Rate of Rise of On-State Current @ TJ=125°C
di/dt
100A/µs
100A/µs
100A/µs
100A/µs
Critical Rate of Rise of Off-State Voltage [V/µs]
dv/dt
500V/µs
500V/µs
500V/µs
500V/µs
400 (120 VAC)
600 (240 VAC)
Repetitive Peak Reverse Voltage (AC Line Nominal) [Vpk]
VRRM
800 (280 VAC)
1200 (480 VAC)
1400 (530 VAC)
Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz) [A]
ITSM
400
600
1500
1950
Maximum I²T for Fusing (t=8.3ms) [A²sec]
I2T
670
1500
9340
15800
Minimum Required Gate Current to Trigger @ 25°C [mA]
IGT
60
80
150
150
Minimum Required Gate Voltage to Trigger @ 25°C [V]
VGT
2.5
3.0
3.0
3.0
Average Gate Power [W]
PG(AV)
0.5
0.5
0.5
0.5
Maximum Peak Reverse Gate Voltage [V]
VGM
5.0
5.0
5.0
5.0
Maximum Thermal Resistance, Junction to Ceramic Base per Chip
RJC
0.8°C/W
0.7°C/W
0.36°C/W
0.3°C/W
Isolation Voltage [Vrms]
VISOL
2500
2500
2500
2500


Similar Part No. - EFG14G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EFG005-240X240T0800 KEMET-EFG005-240X240T0800 Datasheet
57Kb / 1P
   Flex Suppressors, Commercial Grade, EFG
EFG01-240X240T0800 KEMET-EFG01-240X240T0800 Datasheet
56Kb / 1P
   Flex Suppressors, Commercial Grade, EFG
EFG02-240X240 KEMET-EFG02-240X240 Datasheet
56Kb / 1P
   Flex Suppressors, Commercial Grade, EFG
EFG02-240X240T0800 KEMET-EFG02-240X240T0800 Datasheet
56Kb / 1P
   Flex Suppressors, Commercial Grade, EFG
logo
Cynergy3 Co
EFG02BF CYNERGY3-EFG02BF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
More results

Similar Description - EFG14G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
   Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
   Power Modules
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
   Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
   Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
   Power Modules
logo
Inchange Semiconductor ...
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
   Power Modules
logo
Crydom Inc.,
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
   power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
   Power Modules
logo
Crydom Inc.,
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
   power modules
L311F CRYDOM-L311F Datasheet
585Kb / 4P
   Power Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com