Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX42 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX42
Description  PNP Silicon AF an Swiching Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX42 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX42 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX42 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
BCX42
Marking
Marking
DKs
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage
V(BR)CEO
IC =10mA, IB = 0
125
V
Collector-base breakdown voltage
V(BR)CBO
IC =100 ìA, IB = 0
125
V
Emitter-base breakdown voltage
V(BR)EBO
IE =10ìA, IC =0
5
V
VCB =100 V, IE =0
100
nA
VCB =100 V, IE =0, TA =150
20
ìA
Emitter cutoff current
IEBO
VEB =4V, IC =0
100
nA
VCE =100 V , TA =85
10
ìA
VCE =100 V , TA =125
75
ìA
25
63
40
Collector-emitter saturation voltage *
VCE(sat)
IC =300 mA, IB =30mA
0.9
V
Base-emitter saturation voltage
*
VBE(sat)
IC =300 mA, IB =30mA
1.4
V
Transition frequency
fT
IC =20mA, VCE = 5 V, f = 20 MHz
150
MHz
Collector-base capacitance
Ccb
VCB =10V, f = 1MHz
12
pF
*Pulse test: t
300ìs, D = 2%.
DC current gain *
hFE
IC =100 ìA, VCE =1V
IC =100 mA, VCE =1V
IC =200 mA, VCE =1V
ICBO
Collector cutoff current
ICEO
Collector cutoff current


Similar Part No. - BCX42

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX42 SIEMENS-BCX42 Datasheet
139Kb / 4P
   PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
50Kb / 5P
   PNP Silicon AF an Swiching Transistors
Jul-10-2001
BCX42 INFINEON-BCX42 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
BCX42E6327 INFINEON-BCX42E6327 Datasheet
531Kb / 7P
   PNP Silicon AF and Switching Transistor
2011-10-04
BCX42 INFINEON-BCX42_07 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
More results

Similar Description - BCX42

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
50Kb / 5P
   PNP Silicon AF an Swiching Transistors
Jul-10-2001
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com