Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1787CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1787CS8 Datasheet HTML 6Page - Linear Technology LT1787CS8 Datasheet HTML 7Page - Linear Technology LT1787CS8 Datasheet HTML 8Page - Linear Technology LT1787CS8 Datasheet HTML 9Page - Linear Technology LT1787CS8 Datasheet HTML 10Page - Linear Technology LT1787CS8 Datasheet HTML 11Page - Linear Technology LT1787CS8 Datasheet HTML 12Page - Linear Technology LT1787CS8 Datasheet HTML 13Page - Linear Technology LT1787CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1787/LT1787HV
1787fc
The LT1787 high side current sense amplifier (Figure 1)
provides accurate bidirectional monitoring of current
through a user-selected sense resistor. The sense voltage
is amplified by a fixed gain of 8 and level shifted from the
positive power supply to the ground referenced outputs.
The output signal may be used in a variety of ways to
interface with subsequent signal processing circuitry.
Input and output filtering are easily implemented to elimi-
nate aliasing errors.
Theory of Operation
Inputs VS+ and VS– apply the sense voltage to matched
resistors RG1 and RG2. The opposite ends of resistors RG1
and RG2 are forced to be at equal potentials by the voltage
gain of amplifier A1. The currents through RG1 and RG2 are
forced to flow through transistors Q1 and Q2 and are
summed at node VOUT by the 1:1 current mirror. The net
current from RG1 and RG2 flowing through resistor ROUT
gives a voltage gain of eight. Positive sense voltages result
in VOUT being positive with respect to pin VBIAS.
Pins VEE, VBIAS and VOUT may be connected in a variety of
ways to interface with subsequent circuitry. Split supply
and single supply output configurations are shown in the
following sections.
Supply current for amplifier A1 is drawn from the VS– pin.
The user may choose to include this current in the moni-
tored current through RSENSE by careful choice of connec-
tion polarity.
Selection of External Current Sense Resistor
External RSENSE resistor selection is a delicate trade-off
between power dissipation in the resistor and current
measurement accuracy. The LT1787 makes this decision
less difficult than with competitors’ products. The maxi-
mum sense voltage may be as large as
±500mV to get
maximum resolution, however, high current applications
will not want to suffer this much power dissipation in the
sense resistor. The LT1787’s input offset voltage of 40
µV
gives high resolution for low sense voltages. This wide
operating dynamic range gives the user wide latitude in
tailoring the range and resolution of his supply monitoring
function.
APPLICATIONS INFORMATION
Kelvin connection of the LT1787’s VS+ and VS– inputs to
the sense resistor should be used in all but the lowest
power applications. Solder connections and PC board
interconnect resistance (approximately 0.5m
Ωpersquare)
can be a large error in high current systems. A 5-Amp
application might choose a 20m
Ω sense resistor to give a
100mV full-scale input to the LT1787. Input offset voltage
will limit resolution to 2mA. Neglecting contact resistance
at solder joints, even one square of PC board copper at
each resistor end will cause an error of 5%. This error will
grow proportionately higher as monitored current levels
rise to tens or hundreds of amperes.
Input Noise Filtering
The LT1787 provides input signal filtering pins FIL+ and
FILthat are internally connected to the midpoint taps of
resistors RG1 and RG2. These pins may be used to filter the
input signal entering the LT1787’s internal amplifier, and
should be used when fast current ripple or transients may
flow through the sense resistor. High frequency signals
above the 300kHz bandwidth of the LT1787’s internal
amplifier will cause errors. A capacitor connected between
FIL+ and FILcreates a single pole low pass filter with
corner frequency:
f–3dB = 1/(2πRC)
where R = 1.25k. A 0.01
µF capacitor creates a pole at
12.7kHz, a good choice for many applications.
Common mode filtering from the FIL+ and FILpins should
not be attempted, as mismatch in the capacitors from FIL+
and FILwill create AC common mode errors. Common
mode filtering must be done at the power supply output.
Output Signal Range
The LT1787’s output signal is developed by summing the
net currents through RG1 and RG2 into output resistor
ROUT. The pins VOUT and VBIAS may be connected in
numerous configurations to interface with following cir-
cuitry in either single supply or split supply applications.
Care must be used in connecting the output pins to
preserve signal accuracy. Limitations on the signal swing
at VOUT are imposed by the negative supply, VEE, and the
input voltage VS+. In the negative direction, internal circuit
saturation with loss of accuracy occurs for VOUT < 70mV


Similar Part No. - LT1787CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787CS8 LINER-LT1787CS8 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
More results

Similar Description - LT1787CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com