Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5245B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMSZ5245B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMSZ5245B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMSZ5245B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMSZ5245B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Surface Mount Zener Diodes
MMSZ5221B - MMSZ5272B
Features
500mW Power Dissipation
Planar Die Construction
General Purpose, Medium Current
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Power dissipation
P
500
mW
Thermal Resistance, Junction to Ambient Air
R JA
350
/W
Forward Voltage
@ IF = 10mA
VF
0.9
V
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics (Ta = 25
)
Nom.
Min.
Max.
IZT
(mA)
ZZT @IZT
(
)
ZZK @IZK
=0.25mA
(
)
IR
(
A)
@VR (V)
MMSZ5221B
2.4
2.28
2.52
20
30
1200
100
1
C1
MMSZ5222B
2.5
2.38
2.63
20
30
1250
100
1
C2
MMSZ5223B
2.7
2.57
2.84
20
30
1300
75
1
C3
MMSZ5224B
2.8
2.66
2.94
20
30
1400
75
1
C4
MMSZ5225B
3.0
2.85
3.15
20
29
1600
50
1
C5
MMSZ5226B
3.3
3.14
3.47
20
28
1600
25
1
D1
MMSZ5227B
3.6
3.42
3.78
20
24
1700
15
1
D2
MMSZ5228B
3.9
3.71
4.10
20
23
1900
10
1
D3
MMSZ5229B
4.3
4.09
4.52
20
22
2000
5
1
D4
MMSZ5230B
4.7
4.47
4.94
20
19
1900
5
2
D5
MMSZ5231B
5.1
4.85
5.36
20
17
1600
5
2
E1
MMSZ5232B
5.6
5.32
5.88
20
11
1600
5
3
E2
Marking
Leakage Current
Type
Zener voltage
VZ (V)
Zener Impedance


Similar Part No. - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5245B CHENDA-MMSZ5245B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5245B DIOTEC-MMSZ5245B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
MMSZ5245B TSC-MMSZ5245B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com