Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2ASL5LB-5-230D Datasheet(PDF) 1 Page - Altech corporation

Part # 2ASL5LB-5-230D
Description  22 mm LED Illuminated Metal Selector Switch Operator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2ASL5LB-5-230D Datasheet(HTML) 1 Page - Altech corporation

  2ASL5LB-5-230D Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
2ASL1LB-y-zzz White
1
1
2ASL3LB-y-zzz Green
1
1
2ASL4LB-y-zzz Red
1
1
2ASL5LB-y-zzz Amber
1
1
2ASL6LB-y-zzz Blue
1
1
2ASL7LB-y-zzz Clear
1
1
2ASL8LB-y-zzz Yellow
1
1
2*
Mounting Bracket
2BRK
-
1
1
3*
LED Bulb
MCB9xzzz
-
1
1
4*
Mounting Bracket Screws incl. in 2BRK
-
2
2
5*
Blub Holder
2LHB
-
1
1
6
Panel
-
-
-
-
S1
Green
1
4
S2
Red
1
4
S3
Green/Gray
1
4
S4
Red/Gray
1
4
Switch Contacts
7**
1*
LED Illuminated Metal
Selector Switch
zzz = Voltage
012
=
12V AC/DC
024
=
24V AC/DC
048
=
48V AC/DC
110
= 110V AC/DC
230
=
230V AC
230D =
230V DC
y = Voltage
1
=
2 Position Maintained
2
=
2 Position Spring Return
3
=
3 Position Maintained
4
=
3 Position Spring Return from left and right
5
=
3 Position Spring Return from right
6
=
3 Position Spring Return from
3 POSITION SELECTOR SWITCH
CONTACT BLOCK OPERATION GUIDE
CONTACT BLOCK GUIDE
×
1 NO (left)
×
2 NC in series (side × side)
×
1 NO (right)
×
×
1 NC (right)
×
×
1 NC (left)
×
×
2 NO in parallel (side × side)
(Left or right as seen from front of operator)
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/01/07
11/01/07
Philipp Ernstberger
11/01/07
22 mm LED Illuminated Metal Selector Switch Operator
2ASLxLB-y-zzz (x=color, y=type, zzz=voltage)
1PB-2ASLxLB-y-zzz
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2ASLxLB-y-zzz
rev
-
ch.no.
-
description
original design
date
revised by
11/01/07
Philipp E.
max. 6mm
[.25 in]
37 mm
[1.5 in]
61 mm
[2.4 in]
85 mm
[3.4 in]
26 mm
[1.0 in]
1
6
3
2
4
5
5
7
Up tp four switch contacts can be installed.
* = Selector Switch is supplied with mounting bracket, bulb holder
and LED (ITEM 1,2,3,4 and 5)
** = Switch Contacts must be order separatly


Similar Part No. - 2ASL5LB-5-230D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2AS01 INFINEON-2AS01 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
logo
Altech corporation
2AS2-1 ALTECH-2AS2-1 Datasheet
160Kb / 1P
   22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
2AS2-2 ALTECH-2AS2-2 Datasheet
160Kb / 1P
   22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
2AS2-3 ALTECH-2AS2-3 Datasheet
160Kb / 1P
   22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
2AS2-4 ALTECH-2AS2-4 Datasheet
160Kb / 1P
   22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
More results

Similar Description - 2ASL5LB-5-230D

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2AS2E-X ALTECH-2AS2E-X Datasheet
264Kb / 1P
   22 mm Non-Illuminated Metal Extended Selector Switch Operator
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
   22 mm LED Illuminated Metal Flush Momentary Operator
2AFX ALTECH-2AFX Datasheet
227Kb / 1P
   22 mm Non-Illuminated Metal Operator 2AFx
2AFXRH ALTECH-2AFXRH Datasheet
210Kb / 1P
   22 mm Non-Illuminated Recessed Metal Operator 2AFxRh
AK2-XPX-KDX ALTECH-AK2-XPX-KDX Datasheet
287Kb / 1P
   30 mm Key Selector Switch Metal Operator AK2-xPy-KDz
2ALPXLB-YYY ALTECH-2ALPXLB-YYY Datasheet
154Kb / 1P
   22 mm LED Illuminated Metal Projecting Operators 2ALPxLB-yyy
2AK2-XX ALTECH-2AK2-XX Datasheet
263Kb / 1P
   22mm Non-Illuminated Mental Key Selector Switch Operator 2AK2-xx
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AMX ALTECH-AMX Datasheet
325Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
APX ALTECH-APX Datasheet
386Kb / 1P
   30 mm Non-Illuminated Projecting Momentary Metal Operator APx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com