Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR-11BX632.7A Datasheet(PDF) 3 Page - Altech corporation

Part # TR-11BX632.7A
Description  UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

TR-11BX632.7A Datasheet(HTML) 3 Page - Altech corporation

  TR-11BX632.7A Datasheet HTML 1Page - Altech corporation TR-11BX632.7A Datasheet HTML 2Page - Altech corporation TR-11BX632.7A Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
18
11
10.2
Alternate 2
MAXIMUM TORQUE 0.5 Nm
19
10
9
M10 X 1
Alternate 1
15
A/F 13
DIA 4
PANEL CUTOUT
9.4
0.8
12.7
+0.1
15.2
11
19
13.9
PANEL CUTOUT
DIA 12
DIA 4
0.8
15
11
DIA 4
21.7
12
13
X
PANEL CUTOUT
0.8
14
+0.1
15
9
0.8
19
10
11
DIA 4
15
DIA 16
M10 X 1
TR-11
Dimensions&MountingOptions
CentralMounting
WingClips
SnapFitting
IntegralMounting
DustCover
Dimensionsinmm(toconverttoinchesmultiplyby0.03937)
Coverissuitableforcentralmountingtype
circuitbreakertoprovidedust&splash
protection(IP54).
Type/Cat.No.:DCTR11C


Similar Part No. - TR-11BX632.7A

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TR-1 RICHCO-TR-1 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Gamewell-FCI by Honeywe...
TR-1-R GAMEWELL-FCI-TR-1-R Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
TR-1-R GAMEWELL-FCI-TR-1-R Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
TR-1B GAMEWELL-FCI-TR-1B Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
More results

Similar Description - TR-11BX632.7A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
1DU05R ALTECH-1DU05R Datasheet
131Kb / 2P
   R-Series - UL1077 Supplementary Protecto
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
   MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com