Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5231B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMSZ5231B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMSZ5231B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMSZ5231B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMSZ5231B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
MMSZ5221B - MMSZ5272B
Nom.
Min.
Max.
IZT
(mA)
ZZT @IZT
(
)
ZZK @IZK
=0.25mA
(
)
IR
(
A)
@VR (V)
MMSZ5233B
6.0
5.70
6.30
20
7
1600
5
3.5
E3
MMSZ5234B
6.2
5.89
6.51
20
7
1000
5
4
E4
MMSZ5235B
6.8
6.46
7.14
20
5
750
3
5
E5
MMSZ5236B
7.5
7.13
7.88
20
6
500
3
6
F1
MMSZ5237B
8.2
7.79
8.61
20
8
500
3
6.5
F2
MMSZ5238B
8.7
8.27
9.14
20
8
600
3
6.5
F3
MMSZ5239B
9.1
8.65
9.56
20
10
600
3
7
F4
MMSZ5240B
10
9.50
10.50
20
17
600
3
8
F5
MMSZ5241B
11
10.45
11.55
20
22
600
2
8.4
H1
MMSZ5242B
12
11.40
12.60
20
30
600
1
9.1
H2
MMSZ5243B
13
12.35
13.65
9.5
13
600
0.5
9.9
H3
MMSZ5244B
14
13.30
14.70
9.0
15
600
0.1
10
H4
MMSZ5245B
15
14.25
15.75
8.5
16
600
0.1
11
H5
MMSZ5246B
16
15.20
16.80
7.8
17
600
0.1
12
J1
MMSZ5247B
17
16.15
17.85
7.4
19
600
0.1
13
J2
MMSZ5248B
18
17.10
18.90
7.0
21
600
0.1
14
J3
MMSZ5250B
20
19.00
21.00
6.2
25
600
0.1
15
J5
MMSZ5251B
22
20.90
23.10
5.6
29
600
0.1
17
K1
MMSZ5252B
24
22.80
25.20
5.2
33
600
0.1
18
K2
MMSZ5253B
25
23.75
26.25
5.0
35
600
0.1
19
K3
MMSZ5254B
27
25.65
28.35
4.6
41
600
0.1
21
K4
MMSZ5255B
28
26.60
29.40
4.5
44
600
0.1
21
K5
MMSZ5256B
30
28.50
31.50
4.2
49
600
0.1
23
M1
MMSZ5257B
33
31.35
34.65
3.8
58
700
0.1
25
M2
MMSZ5258B
36
34.20
37.80
3.4
70
700
0.1
27
M3
MMSZ5259B
39
37.05
40.95
3.2
80
800
0.1
30
M4
MMSZ5260B
43
40.85
45.15
3.0
93
900
0.1
33
M5
MMSZ5261B
47
44.65
49.35
2.7
105
1000
0.1
36
N1
MMSZ5262B
51
48.45
53.55
2.5
125
1100
0.1
39
N2
MMSZ5263B
56
53.20
58.80
2.2
150
1300
0.1
43
N3
MMSZ5264B
60
57.00
63.00
2.1
170
1400
0.1
46
N4
MMSZ5265B
62
58.90
65.10
2.0
185
1400
0.1
47
N5
MMSZ5266B
68
64.60
71.40
1.8
230
1600
0.1
52
P1
MMSZ5267B
75
71.25
78.75
1.7
270
1700
0.1
56
P2
MMSZ5268B
82
77.90
86.10
1.5
330
2000
0.1
62
P3
MMSZ5269B
87
82.65
91.35
1.4
370
2200
0.1
68
P4
MMSZ5270B
91
86.45
95.55
1.4
400
2300
0.1
69
P5
MMSZ5272B
110
104.45
115.5
1.1
750
3000
0.1
84
R2
Marking
Leakage Current
Type
Zener voltage
VZ (V)
Zener Impedance


Similar Part No. - MMSZ5231B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5231B CHENDA-MMSZ5231B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5231B DIOTEC-MMSZ5231B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5231B TSC-MMSZ5231B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5231B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com