Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTK-600 Datasheet(PDF) 6 Page - Altech corporation

Part # GTK-600
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GTK-600 Datasheet(HTML) 6 Page - Altech corporation

Back Button GTK-600 Datasheet HTML 2Page - Altech corporation GTK-600 Datasheet HTML 3Page - Altech corporation GTK-600 Datasheet HTML 4Page - Altech corporation GTK-600 Datasheet HTML 5Page - Altech corporation GTK-600 Datasheet HTML 6Page - Altech corporation GTK-600 Datasheet HTML 7Page - Altech corporation GTK-600 Datasheet HTML 8Page - Altech corporation GTK-600 Datasheet HTML 9Page - Altech corporation GTK-600 Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
A
Contactor / Starter
GM
C
6
——
——
Coil Voltage
Terminal type of Mini contactor
None
Screw
PPin
F
Fast-on
C
Cage clamp
Contactor type
None
Normal
(9-800A)
M
Mini type
(6-16A)
Nominal rating
6
6A
99A
::
600
630A
800
800A
Device type
C
Contactor with AC coil
D
Contactor with DC coil
Thermal overload relay
GT
K
12
Amperage Range
Number of bimetal elements for
Non-differential H type
None
2 elements
33 elements
Mounting
None
Standard
(mount to contactor)
HSeparate mount
Nominal rating
12
max 16A
22
max 22A
::
600
max 800A
Protection type
K
Differential
current protection
H
Non-differential
Relay type
None
Normal (max. 800A)
MMini type (max. 16A)
Thermal Overload Relay
Other devices / accessories are available.
Consult Altech Corp.® for more information.
Contactors Numbering System
A
6
None
Normal
(9-800A)
10
01
1 N.O.
1 N.C.
(mini type 6-16A)
Auxiliary switch type
for Mini Contactors


Similar Part No. - GTK-600

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-B GLENAIR-GTK1000-A-B Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-C GLENAIR-GTK1000-A-C Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-E GLENAIR-GTK1000-A-E Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-B-A GLENAIR-GTK1000-B-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
More results

Similar Description - GTK-600

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com