Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTH-22 Datasheet(PDF) 2 Page - Altech corporation

Part # GTH-22
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GTH-22 Datasheet(HTML) 2 Page - Altech corporation

  GTH-22 Datasheet HTML 1Page - Altech corporation GTH-22 Datasheet HTML 2Page - Altech corporation GTH-22 Datasheet HTML 3Page - Altech corporation GTH-22 Datasheet HTML 4Page - Altech corporation GTH-22 Datasheet HTML 5Page - Altech corporation GTH-22 Datasheet HTML 6Page - Altech corporation GTH-22 Datasheet HTML 7Page - Altech corporation GTH-22 Datasheet HTML 8Page - Altech corporation GTH-22 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
A
includes 2 AU-1
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-1
auxililary switches,
(2 N.O. / 2 N.C.)
T
Contactors (9 to 85A)
9
AZ-40H
AZ-85H
Base for
separate
mounting
kW
A
kW
A
kW
A
kW
A
kW
A
kW
A
50
60
80
100
110
135
7.5
32
11
40
15
55
18.5
65
22
75
25
85
15
32
18.5
40
22
50
30
65
37
75
45
85
18.5
28
22
32
30
43
33
60
37
64
45
75
18.5
20
22
23
30
28
33
35
37
42
45
45
hp
A
hp
A
hp
A
hp
A
hp
A
hp
A
45
50
70
80
90
100
23
3
5
5
7.5
5
5
7.5
10
15
15
7.5
10
10
15
20
25
10
10
15
20
25
30
20
25
30
40
50
50
20
25
30
40
50
50
1
1
2
223
GMC-32/4
GMC-40/4
GMC-50/4
GMC-65/4
GMC-75/4
GMC-85/4
GMD-32/4
GMD-40/4
GMD-50/4
GMD-65/4
GMD-75/4
GMD-85/4
50
60
80
100
110
135
32A
Base for
separate
mounting
GT-85
Setting
ranges (A)
GTK-40
GTH-40/3
GTH-40
GTK-40/L
GTK-85
GTH-85/3
GTH-85
GTK-85/L
7 - 10
9 - 13
12 -18
16 - 22
18 - 26
24 - 36
28 - 40
34 -50
45 - 65
54 - 75
63 - 85
GT-40
Setting ranges (A)
4 - 6
5 - 8
6 - 9
7 - 10
9 - 13
12 -18
16 - 22
18 - 26
24 - 36
28 - 40
40A
50A
65A
75A
85A
GMD-32
GMC-32
GMD-40
GMC-40
GMD-50
GMC-50
GMD-65
GMC-65
GMD-75
GMC-75
GMD-85
GMC-85
C
Configuration
Part No.
2 N.O.
AU-2-20
2 N.C.
AU-2-02
1 N.O. / 1 N.C.
AU-2-11
Configuration
Part No.
4 N.O.
AU-4-40
Configuration
Part No.
1 N.O. / 1 N.C.
AU-1
3 N.O. / 1 N.C.
AU-4-31
2 N.O. / 2 N.C.
AU-4-22
1 N.O. / 3 N.C.
AU-4-13
4 N.C.
AU-4-04
A
AC: 24, 48, 110, 120, 208, 220, 240, 277, 380, 440, 480, 600V
DC: 12, 20, 24, 48, 60, 80, 100, 110, 125, 200, 220, 250V
Ordering Example: GMC-32-AC120V (see also page 6)
1
2
2-pole
Front mount
AU-2
4-pole
Front mount
AU-4
2-pole
Side mount
AU-1


Similar Part No. - GTH-22

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
GTH10048RA2 GREEGOO-GTH10048RA2 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
GTH10048RD1 GREEGOO-GTH10048RD1 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
GTH10048RD3 GREEGOO-GTH10048RD3 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
GTH10048ZA2 GREEGOO-GTH10048ZA2 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
GTH10048ZD1 GREEGOO-GTH10048ZD1 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
More results

Similar Description - GTH-22

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com