Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMD-800C Datasheet(PDF) 10 Page - Altech corporation

Part # GMD-800C
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMD-800C Datasheet(HTML) 10 Page - Altech corporation

Back Button GMD-800C Datasheet HTML 6Page - Altech corporation GMD-800C Datasheet HTML 7Page - Altech corporation GMD-800C Datasheet HTML 8Page - Altech corporation GMD-800C Datasheet HTML 9Page - Altech corporation GMD-800C Datasheet HTML 10Page - Altech corporation GMD-800C Datasheet HTML 11Page - Altech corporation GMD-800C Datasheet HTML 12Page - Altech corporation GMD-800C Datasheet HTML 13Page - Altech corporation GMD-800C Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
10
3-pole Contactors
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
GMC-100
GMC-125
GMC-150
GMC-180
GMC-220
*Optional auxililary contact unit (side mount type)
GMC-100-220
*
*
*
**
G
GMC-100 &125: 2.9kg (6.39 lbs.)
GMC-150: 3.4kg (7.50 lbs.)
GMC-180 & 220: 5.4kg (11.91 lbs.)
Weight:
Weight:
Weight:
W


Similar Part No. - GMD-800C

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-800-R COOPER-GMD-800-R Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-800-R COOPER-GMD-800-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
logo
Eaton All Rights Reserv...
GMD-800-R EATON-GMD-800-R Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-800mA COOPER-GMD-800mA Datasheet
82Kb / 2P
   5mm x 20mm Fuses
GMD-800mA COOPER-GMD-800mA Datasheet
82Kb / 2P
   Time delay, low breaking capacity Optional axial leads available
More results

Similar Description - GMD-800C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com