Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFE18B Datasheet(PDF) 2 Page - Crydom Inc.,

Part # EFE18B
Description  Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EFE18B Datasheet(HTML) 2 Page - Crydom Inc.,

  EFE18B Datasheet HTML 1Page - Crydom Inc., EFE18B Datasheet HTML 2Page - Crydom Inc., EFE18B Datasheet HTML 3Page - Crydom Inc., EFE18B Datasheet HTML 4Page - Crydom Inc., EFE18B Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GENERAL SPECIFICATIONS
Description
Weight (typical)
7.0 oz (198g)
7.0 oz (198g)
7.0 oz (198g)
7.0 oz (198g)
MECHANICAL SPECIFICATIONS
CIRCUIT DIAGRAMS


Similar Part No. - EFE18B

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
EFE02BF CYNERGY3-EFE02BF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
EFE02CF CYNERGY3-EFE02CF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
EFE02EF CYNERGY3-EFE02EF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
EFE02FF CYNERGY3-EFE02FF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
EFE02GF CYNERGY3-EFE02GF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
More results

Similar Description - EFE18B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
   Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
   Power Modules
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
   Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
   Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
   Power Modules
logo
Inchange Semiconductor ...
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
   Power Modules
logo
Crydom Inc.,
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
   power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
   Power Modules
logo
Crydom Inc.,
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
   power modules
L311F CRYDOM-L311F Datasheet
585Kb / 4P
   Power Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com