Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-S40 Datasheet(PDF) 1 Page - Altech corporation

Part # PS-S40
Description  40W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-S40 Datasheet(HTML) 1 Page - Altech corporation

  PS-S40 Datasheet HTML 1Page - Altech corporation PS-S40 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS-S4005
PS-S4012
NEC Class 2 /LPS Compliant (except 5V)
PS-S4024
PS-S4048
MODEL
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
V
8
4
V
4
2
V
2
1
V
5
A
3
8
.
0
A
7
.
1
A
3
3
.
3
A
6
W
8
.
9
3
W
8
.
0
4
W
0
4
W
0
3
80mVp-p
120mVp-p
150mVp-p
200mVp-p
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
%
8
8
%
8
8
%
6
8
%
8
7
0.3Kg; 0.65 lbs.
UL508, EN60950-1 Approved, NEC class 2 /LPS Compliant (12V, 24V, 48V only)
Note.2
Note.3
ENVIRONMENT
PROTECTION
SAFETY &
FUNCTION
EMC
PS-S40 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
40W Single Output Industrial DIN Rail Power Supply


Similar Part No. - PS-S40

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-S10 ALTECH-PS-S10 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
PS-S1005 ALTECH-PS-S1005 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
PS-S1012 ALTECH-PS-S1012 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
PS-S1015 ALTECH-PS-S1015 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - PS-S40

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-40 MEANWELL-MDR-40_11 Datasheet
244Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
MDR-40 MEANWELL-MDR-40 Datasheet
242Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PSS40 ALTECH-PSS40 Datasheet
123Kb / 1P
   40W Single Output Industrial DIN Rail Power Supply PS-S40 Series
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com