Electronic Components Datasheet Search |
|
VP0106N3 Datasheet(PDF) 1 Page - Supertex, Inc |
|
VP0106N3 Datasheet(HTML) 1 Page - Supertex, Inc |
1 / 4 page 1 07/08/02 Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website. VP0104 VP0106 VP0109 Advanced DMOS Technology These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex’s well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inher- ent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex’s vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired. Note: See Package Outline section for dimensions. P-Channel Enhancement-Mode Vertical DMOS FETs Package Option Applications ❏ Motor controls ❏ Converters ❏ Amplifiers ❏ Switches ❏ Power supply circuits ❏ Drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.) Features ❏ Free from secondary breakdown ❏ Low power drive requirement ❏ Ease of paralleling ❏ Low C ISS and fast switching speeds ❏ Excellent thermal stability ❏ Integral Source-Drain diode ❏ High input impedance and high gain ❏ Complementary N- and P-channel devices Order Number / Package BV DSS /RDS(ON) I D(ON) BVDGS (max) (min) TO-92 Die† -40V 8.0Ω -0.5A VP0104N3 — -60V 8.0Ω -0.5A VP0106N3 — -90V 8.0Ω -0.5A VP0109N3 VP0109ND TO-92 Ordering Information S G D Absolute Maximum Ratings Drain-to-Source Voltage BV DSS Drain-to-Gate Voltage BV DGS Gate-to-Source Voltage ± 20V Operating and Storage Temperature -55°C to +150°C Soldering Temperature* 300°C * Distance of 1.6 mm from case for 10 seconds. |
Similar Part No. - VP0106N3 |
|
Similar Description - VP0106N3 |