Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KUE Datasheet(PDF) 9 Page - Altech corporation

Part # KUE
Description  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

KUE Datasheet(HTML) 9 Page - Altech corporation

Back Button KUE Datasheet HTML 5Page - Altech corporation KUE Datasheet HTML 6Page - Altech corporation KUE Datasheet HTML 7Page - Altech corporation KUE Datasheet HTML 8Page - Altech corporation KUE Datasheet HTML 9Page - Altech corporation KUE Datasheet HTML 10Page - Altech corporation KUE Datasheet HTML 11Page - Altech corporation KUE Datasheet HTML 12Page - Altech corporation KUE Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
78 mm
79 mm
53 mm
69 mm
47 mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
The EVA series
includes a cover plate.
Catalog Number
EVA380 + K/EVA
EVA380 + K/EVA Y/R
3
80A
600V AC
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
10
20
15
25
20
30
25
40
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
White Cover/ White Handle
Yellow Cover/ Red Handle
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size
Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
EVA3100 + K/EVA
EVA3100 + K/EVA Y/R
3
100A
600V AC
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
1020
10
20
10
20
15
30
20
40
30
50
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
EVA3125 + K/EVA
EVA3125 + K/EVA Y/R
3
125A
600V AC
68A
1 Phase
3 Phase
510
10
20
10
20
1525
15
25
15
30
20
40
25
50
30
60
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
EVA3160 + K/EVA
EVA3160 + K/EVA Y/R
3
150A
600V AC
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
1530
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
Toggle Handle Motor Disconnect Switch
11


Similar Part No. - KUE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUEP TEC-KUEP Datasheet
337Kb / 3P
   Magnetic blow-out
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
KUEP-11D35-24 TEC-KUEP-11D35-24 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
More results

Similar Description - KUE

ManufacturerPart #DatasheetDescription
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com