Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMD-80010P Datasheet(PDF) 4 Page - Altech corporation

Part # GMD-80010P
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMD-80010P Datasheet(HTML) 4 Page - Altech corporation

  GMD-80010P Datasheet HTML 1Page - Altech corporation GMD-80010P Datasheet HTML 2Page - Altech corporation GMD-80010P Datasheet HTML 3Page - Altech corporation GMD-80010P Datasheet HTML 4Page - Altech corporation GMD-80010P Datasheet HTML 5Page - Altech corporation GMD-80010P Datasheet HTML 6Page - Altech corporation GMD-80010P Datasheet HTML 7Page - Altech corporation GMD-80010P Datasheet HTML 8Page - Altech corporation GMD-80010P Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
A
GTK-220
GTH-220/3
GTH-220
GTK-220/L
GTK-400
GTH-400/3
GTH-400
GTK-400/L
GTK-600
GTH-600/3
GTH-600
GTK-600/L
GMC-180
GMC-220
GMC-300
GMC-400
GMC-600
GMC-800
kW
A
kW
A
kW
A
kW
A
kW
A
kW
A
230
260
350
420
660
900
55
180
75
250
90
300
125
400
190
630
220
800
90
180
132
250
160
300
220
400
330
630
440
800
110
180
132
200
160
250
225
350
330
500
550
720
110
120
132
150
200
220
250
300
330
420
500
630
hp
A
hp
A
hp
A
hp
A
hp
A
hp
A
230
275
350
450
660
900
15
15
30
40
60
60
100
125
150
250
60
75
100
150
200
300
125
150
200
300
400
600
125
150
200
300
400
600
4
4
5
567
GMC-180/4
GMC-220/4
GMC-300/4
GMC-400/4
GMC-600/4
GMC-800/4
230
260
350
420
660
800
180A
220A
300A
400A
600A
800A
Setting ranges (A)
65 - 100
85 - 125
100 - 150
120 - 180
160 - 240
Setting ranges (A)
85 - 125
100 - 150
120 - 180
160 - 240
220 - 300
260 - 400
Setting ranges (A)
220 - 300
260 - 400
400 - 600
520 - 800
Contactors (100 to 800A)
i
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
A
AC: 100/200 (100-240), 300 (265-347), 400 (380-450), 500V (440-575)
DC: 100/200V (100-220)
Ordering Example: GMC-180-AC100/200V (see also page 6)
AC: 100 (100-127), 200 (200-240), 300
(265-347), 400 (380-450), 500V (440-575)
DC: 100 (100-110), 200V (200-220)
4
GT- 220
GT- 400
GT- 800
A
1NO+1NC, Side mount
AU-100


Similar Part No. - GMD-80010P

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-800-R COOPER-GMD-800-R Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-800-R COOPER-GMD-800-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
logo
Eaton All Rights Reserv...
GMD-800-R EATON-GMD-800-R Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-800mA COOPER-GMD-800mA Datasheet
82Kb / 2P
   5mm x 20mm Fuses
GMD-800mA COOPER-GMD-800mA Datasheet
82Kb / 2P
   Time delay, low breaking capacity Optional axial leads available
More results

Similar Description - GMD-80010P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com