Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L300AD11-ST Datasheet(PDF) 5 Page - Altech corporation

Part # L300AD11-ST
Description  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

L300AD11-ST Datasheet(HTML) 5 Page - Altech corporation

  L300AD11-ST Datasheet HTML 1Page - Altech corporation L300AD11-ST Datasheet HTML 2Page - Altech corporation L300AD11-ST Datasheet HTML 3Page - Altech corporation L300AD11-ST Datasheet HTML 4Page - Altech corporation L300AD11-ST Datasheet HTML 5Page - Altech corporation L300AD11-ST Datasheet HTML 6Page - Altech corporation L300AD11-ST Datasheet HTML 7Page - Altech corporation L300AD11-ST Datasheet HTML 8Page - Altech corporation L300AD11-ST Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
72 mm
32 mm
70 mm
62 mm
72 mm
38 mm
Ø79 mm
82 mm
87 mm
54 mm
79 mm
45 mm
34 mm
70 mm
79 mm
45 mm
34 mm
43 mm
105 mm
DOOR MOUNTING KITS
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Direct Handle Accessories
Cat. No.
K/KU3P
K/KU3P Y/R
K/KU4P
K/KU4P Y/R
K/VKA3-4P
K/VKA3-4P Y/R
Color
Black
Yellow/Red
Black
Yellow/Red
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)
KU models (4P)
KU models (4P)
VKA models (3/4P) VKA models (3/4P)
Dimensions
DIRECT HANDLES
Cat. No.
OKA/KU LK10
OKA/KU LK10 Y/R
Environmental
NEMA Type 4X,
NEMA Type 4X,
Rating
IP66
IP66
Color
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)
Cat. No.
OKA/V LK11
OKA/V LK11 Y/R
Environmental
NEMA Type 4X,
NEMA Type 4X,
Rating
IP67
IP67
Color
Black
Yellow/Red
For use with
VKA models (3P)
VKA models (3P)
MOUNTING ALTERNATIVES
- ALUMINUM DIN RAIL
Cat. No.
RKA 3P
RKA 4P
For Use With
KU325/40/63N
KU425/40/63N
84 mm
1 mm
14 mm
14 mm
66 mm
7.5 mm
1 mm
7.5 mm
RKA 4P
RKA 3P
NOTE:
In the rare case that your mounting hardware (screws) for
DIN Rail interfere with the enforcement studs in the back of
the Motor Disconnect Switch please use smaller (
≤M3 or
equivalent) flathead screws or change your DIN Rail to the
15mm high version.
Shown with switch and display plate. (sold separately)
Shown with switch and display plate. (sold separately)
Shown with switch. (sold separately)
Dimensions (to convert to inches multiply by 0.03937)
Improved design
with metal shaft.
Use for all your
“inside the panel”
applications.
Designed for fast and easy assembly.
Panel mount option for small Disconnect Switches.
7
Drill
Template
Included
K/KU3P
OKA 0.V, OKA 0.V Y/R
OKA/KU LK10, OKA/KU LK10 Y/R
OKA/V LK11, OKA/V LK11 Y/R
K/KU4P
K/VKA3-4P
Cat. No.
OKA 0.V
OKA 0.V Y/R
Environmental
IP65
IP65
Rating
Color
Black
Yellow/Red
For use with
KU models (3P)
KU models (3P)


Similar Part No. - L300AD11-ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000N STMICROELECTRONICS-L3000N Datasheet
412Kb / 32P
   SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
L3000NSO STMICROELECTRONICS-L3000NSO Datasheet
412Kb / 32P
   SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000SX STMICROELECTRONICS-L3000SX Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
More results

Similar Description - L300AD11-ST

ManufacturerPart #DatasheetDescription
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com