Electronic Components Datasheet Search |
|
CWD4850H Datasheet(PDF) 2 Page - Crydom Inc., |
|
CWD4850H Datasheet(HTML) 2 Page - Crydom Inc., |
2 / 5 page INPUT SPECIFICATIONS (1) Description CWD CWAxxxxE CWA Control Voltage Range 3-32 VDC 18-36 Vrms 90-280 Vrms Minimum Turn-On Voltage 3 VDC 18 Vrms 90 Vrms Minimum Turn-Off Voltage 1 .0 VDC 2 Vrms 10 Vrms Nominal Input Impedance See note 7 1.0 k Ohm 14.2 K Ohms (9) Maximum Turn-On Time [msec] (4)(5) 1/2 Cycle 1/2 Cycle 1/2 Cycle Maximum Turn-Off Time [msec] (5) 1/2 Cycle 1/2 Cycle 1/2 Cycle GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 4000 Vrms Minimum Insulation Resistance (@ 500 V DC) 109 Ohm Maximum Capacitance, Input/Output 8 pF Ambient Operating Temperature Range -40 to 80 °C Ambient Storage Temperature Range -40 to 125 °C Weight (typical) 3.0 oz (86.5 g) Encapsulation Thermally conductive Epoxy Terminals Screw Type, Finger Proof Output: 8-32, Combo rive Input: 6-32, Combo Drive Max. Torque Output: 20 in lb (2.2Nm) Input: 10 in lb (1.1Nm) Max. Wire Size Output:2 x AWG 8 (3.8mm) Input: 2 x AWG 12 (2.5mm) GENERAL NOTES 1) All parameters at 25°C unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, for derating curves see page 2. 4) Turn-on time for random turn-on version is 0.02 msec. 5) Turn-on and turn-off time for AC input models is 50 ms. 6) 10mA for models with snubber. 7) Input circuit incorporates active current limiter. 8) 48-530 VRMS for models with snubber. 9) 21.5K ohms for random turn-on version (-10 suffix). |
Similar Part No. - CWD4850H |
|
Similar Description - CWD4850H |