Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKA1.V Datasheet(PDF) 11 Page - Altech corporation

Part # VKA1.V
Description  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

VKA1.V Datasheet(HTML) 11 Page - Altech corporation

Back Button VKA1.V Datasheet HTML 6Page - Altech corporation VKA1.V Datasheet HTML 7Page - Altech corporation VKA1.V Datasheet HTML 8Page - Altech corporation VKA1.V Datasheet HTML 9Page - Altech corporation VKA1.V Datasheet HTML 10Page - Altech corporation VKA1.V Datasheet HTML 11Page - Altech corporation VKA1.V Datasheet HTML 12Page - Altech corporation VKA1.V Datasheet HTML 13Page - Altech corporation VKA1.V Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FUSED
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
KEM3100L
KEM3100L Y/R
3*
100A
600V AC
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
1020
10
20
10
20
15
30
20
40
30
50
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF10
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
KEM3125L
KEM3125L Y/R
3*
125A
600V AC
68A
1 Phase
3 Phase
510
1020
10
20
15
25
15
25
15
30
20
40
30
50
30
60
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF10
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
KEM3150L
KEM3150L Y/R
3*
150A
600V AC
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
1530
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
MF11UL
2.8351kg (6.25 lb.)
VKA1.V, VKA2.V
Enclosed Motor Disconnect Switch
13
KKVM332, KKVM332CC
KKVM332 Y/R, KKVM332CC Y/R
3
30A
600V AC
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
U3
0.998kg (2.2 lb.)
KU1.V, KU2.V
183 mm
188 mm
278 mm
273 mm
254 mm
MF10
MF11UL
U3
Cat. No.
Fuse Type
KKVM 332 (Y/R)
10x38,
Midget
KKVM 332CC (Y/R)
Class CC
131 mm
96 mm
144 mm
132 mm
KNOCK-OUTS
Ø25/32
Ø20


Similar Part No. - VKA1.V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
VKA100 MURATA-VKA100 Datasheet
344Kb / 4P
   100 Watt Adjustable Output DC/DC Converter
logo
C&D Technologies
VKA100LS02 CANDD-VKA100LS02 Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Manufacturing Co...
VKA100LS02C MURATA-VKA100LS02C Datasheet
344Kb / 4P
   100 Watt Adjustable Output DC/DC Converter
logo
C&D Technologies
VKA100LS02F CANDD-VKA100LS02F Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Manufacturing Co...
VKA100LS02FC MURATA-VKA100LS02FC Datasheet
344Kb / 4P
   100 Watt Adjustable Output DC/DC Converter
More results

Similar Description - VKA1.V

ManufacturerPart #DatasheetDescription
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com