Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-6389Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SGC-6389Z
Description  50-4000 MHz Active Bias Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGC-6389Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SGC-6389Z_1 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Broomfield, CO 80021
5
EDS-104747 Rev B
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SGC-6389Z 0.05-4.0 GHz Cascadable MMIC Amplifier
SOT-89 PCB Pad Layout
Dimensions in inches [millimeters]
SOT-89 Nominal Package Dimensions
Dimensions in inches [millimeters]
A link to the SOT-89 package outline drawing with full dimensions and
tolerances may be found on the product web page at www.sirenza.com.
Notes:
1. Provide a large ground pad area under
device pins 2 and 4 with several plated-
through holes placed as shown.
2. 1-2 ounce finished copper thickness is
recommended.
3. RF I/O lines are 50
Ω
RF
IN
RF
Out


Similar Part No. - SGC-6389Z_1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGC-6389Z RFMD-SGC-6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGC-6389Z_1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
Qorvo, Inc
QPA2363C QORVO-QPA2363C Datasheet
593Kb / 7P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
January 17, 2017
QPA4563C QORVO-QPA4563C Datasheet
467Kb / 7P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
April 13, 2018
logo
SIRENZA MICRODEVICES
SGC-2386 SIRENZA-SGC-2386_1 Datasheet
257Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z_1 Datasheet
283Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2363 SIRENZA-SGC-2363_1 Datasheet
282Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2486 SIRENZA-SGC-2486_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363 SIRENZA-SGC-4363_1 Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
Qorvo, Inc
QPA2463C QORVO-QPA2463C Datasheet
700Kb / 9P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com