Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN2450N3 Datasheet(PDF) 3 Page - Supertex, Inc

Part # VN2450N3
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2450N3 Datasheet(HTML) 3 Page - Supertex, Inc

  VN2450N3 Datasheet HTML 1Page - Supertex, Inc VN2450N3 Datasheet HTML 2Page - Supertex, Inc VN2450N3 Datasheet HTML 3Page - Supertex, Inc VN2450N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Curves
010
20
3040
50
0
0.2
0.4
0.6
0.8
1.0
1.2
VDS (Volts)
VGS = 10V
Output Characteristics
8V
6V
5V
4V
3V
02468
10
0
0.2
0.4
0.6
0.8
1.0
Saturation Characteristics
VDS (Volts)
VGS = 10V
8V
6V
5V
4V
3V
0
0.2
0.4
0.6
0.8
1.0
0
0.1
0.2
0.3
0.4
0.5
Transconductance vs. Drain Current
ID (Amperes)
TA = -55°C
TA = 25°C
TA = 125°C
VDS = 25V
VDS (Volts)
Maximum Rated Safe Operating Area
TO-92
SOT-89
SOT-89 (pulsed)
TO-92 (pulsed)
TC = 25°C
0.01
0.1
1.0
0.001
1
1000
100
10
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
SOT-89
PD = 1.6W
TC = 25°C
0
tp (seconds)
TO-92
PD = 1W
TC = 25°C
Power Dissipation vs. Case Temperature
TC (°C)
050
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
25
TO-92
SOT-89
VN2450


Similar Part No. - VN2450N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VN2450N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com