Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKRD6020E Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CKRD6020E
Description  Crydoms CKR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CKRD6020E Datasheet(HTML) 1 Page - Crydom Inc.,

  CKRD6020E Datasheet HTML 1Page - Crydom Inc., CKRD6020E Datasheet HTML 2Page - Crydom Inc., CKRD6020E Datasheet HTML 3Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CKR Series
CKRINST
Rev. 100107
PAGE 1 OF 3
REMOVAL FROM DIN RAIL
To achieve maximum ratings, there must be
minimum spacing of 0.8 inch (20mm)
between the devices in free air.
CKR Series SSRs are designed to fit to an industry standard TS35 DIN Rail. Mounting clip incorporates tabs for screw mounting to panel.
SOLID STATE
CONTACTOR
OUTPUT
U
T ST A
1/L1
2/T1
+3/A1
4/A2
CKR SERIES
SOLID STATE
CONTACTOR
OUTPUT
U
T ST A
1/L1
2/T1
+3/A1
4/A2
CKR SERIES
(20mm)
Minimum
20
15
25
30
10
5
20
40
60
80
AMBIENT TEMPERATURE (°C)
CKR 30Amp
CKR 20Amp
CKR 10Amp
Load Current vs Ambient Temperature
(100 % Duty Cycle)
MOUNTING TO THE DIN RAIL
Locate rail and align with non moveable
end of CKR DIN clip. Using reasonable
force, push CKR in the direction of the
arrow shown.
The CKR power switching range is based on semiconductor
technology and therefore generates heat during operation.
The following derating curves must be observed before installation.
Crydom products are rated for 100% Duty Cycle.
Pull release tag in direction of arrow using
blade of screwdriver.
MOUNTING CONSIDERATIONS
THERMAL CONSIDERATIONS
MOUNTING OF CKR SERIES OF SOLID STATE RELAYS
0.8 inch
Crydoms CKR Series Solid State Relays were developed to offer the advantages of semiconductor switching technology in a
standard 22.5mm industrial package. Quick and easy installation is coupled with low drive power requirements and efficient,
reliable power SCR output. Box Clamp terminals and LED status indication complete the package. This compact new design
offers up to 30Arms in ambient temperatures of 25C.
Manufactured in Crydom’s ISO 9001 Certified facility for optimum product performance and reliability.
APPROVALS: UL, CSA, VDE, CE Mark.


Similar Part No. - CKRD6020E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKRD6020E CRYDOM-CKRD6020E Datasheet
1Mb / 5P
   DIN Rail Mount
CKRD6020E-10 CRYDOM-CKRD6020E-10 Datasheet
1Mb / 5P
   DIN Rail Mount
CKRD6020EP CRYDOM-CKRD6020EP Datasheet
1Mb / 5P
   DIN Rail Mount
CKRD6020EP-10 CRYDOM-CKRD6020EP-10 Datasheet
1Mb / 5P
   DIN Rail Mount
CKRD6020EP-10 CRYDOM-CKRD6020EP-10 Datasheet
610Kb / 5P
   DIN Rail Mount
More results

Similar Description - CKRD6020E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMR CRYDOM-CMR Datasheet
127Kb / 3P
   Crydoms CMR Series
logo
Cornell Dubilier Electr...
CK13BX103K CDE-CK13BX103K Datasheet
609Kb / 6P
   CK and CKR Military Grade Capacitors
CK05BX103M CDE-CK05BX103M Datasheet
609Kb / 6P
   CK and CKR Military Grade Capacitors
logo
Crydom Inc.,
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com