Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USP-500-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # USP-500-24
Description  500W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

USP-500-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  USP-500-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. USP-500-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. USP-500-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. USP-500-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
8
RC-
NC
CN50
RC+
-S
DC-OK
+S
GND
1
-S
5
Fig3.1
LOAD
-
+
TB2
+V
-V
CN50
LED
1
4
5
8
FileName:USP-500-SPEC2007-09-19
500WSingleOutputwithPFCFunction
U S P - 5 0 0 series
3.RemoteSense
Theremotesensingcompensatesvoltagedropontheloadwiringupto0.5V.
Senselinesshould
betwistedinpairs
-S
+S
(pin5,8)
(pin1)
4.CurrentSharingwithRemoteSensing(Optionalfor24V&48V)
USP-500hasthebuilt-inactivecurrentsharingfunctionandcanbeconnectedinparalleltoprovidehigheroutputpower:
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow.
(2)Differenceofoutputvoltagesamongparallelunitsshouldbelessthan2%.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation.
(4)Inparalleloperation2unitsisthemaximum,pleaseconsultthemanufacturerforapplicationsofmoreconnectinginparallel.
(5)Thepowersuppliesshouldbeparalleledusingshortandlargediameterwiringandthenconnectedtotheload.
(+S,-S,CSandGNDareconnectedmutuallyinparallel).
(outputcurrentatparalleloperation)=(Ratedcurrentperunit) (Numberofunit) 0.9
LED
LED
TB2
TB2
PSU
PSU
-V
-V
CN50
CN50
+V
+V
1
1
4
4
8
8
5
5
Fig4.1
Note:1.Inparallelconnection,maybeonlyoneunit(master)operateifthetotaloutputloadislessthan2%ofratedloadcondition.
TheotherPSU(slave)maygointostandbymodeanditsoutputLEDandrelaywillnotturnon.
2.2%min.ofdummyloadisrequired.
4
8
RC-
CS
CN50
RC+
-S
GND
DC-OK
+S
1
-S
5
LOAD
Senselinesshould
betwistedinpairs
+V
-V
CS
(pin4)
GND
(pin2)
-S
(pin5,8)
+S
(pin1)


Similar Part No. - USP-500-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
USP-500-24 MEANWELL-USP-500-24 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
More results

Similar Description - USP-500-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500 RSG-SP-500 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com