Electronic Components Datasheet Search |
|
TSE05B Datasheet(PDF) 1 Page - Adam Technologies, Inc. |
|
TSE05B Datasheet(HTML) 1 Page - Adam Technologies, Inc. |
|
1 / 1 page Adam Technologies, Inc. 909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM 343 INTRODUCTION: Adam Tech EB Series Euro Blocks are a broad range of PCB mounted blocks in various sizes and profiles including Standard, Miniature and Micro blocks with pitches ranging from 15.00mm down to 3.50mm. Included are types that have wire entry from Top, Side or Side Angle. Two piece ‘pluggable’ versions and Lever Actuated styles are also available. Each contains our unique wire guard design and is precision manufactured for smooth operation and ease of use. SPECIFICATIONS: Material: Insulator: PBT or Nylon, glass reinforced, rated UL94V-0 Insulator Color: Green, Black (Blue and Gray optional) Metal cage: Brass, tin plated Screw: Steel, Galvanized or Chromatized Wire Guard: Stainless Steel, Tin plated Electrical: Operating voltage: 250V AC max. Current rating: 7 to 15 Amp max Contact resistance: 20 m Ω max. initial Insulation resistance: 5000 M Ω min. Dielectric withstanding voltage: 1500V AC for 1 minute Mechanical: Recommended wire size: EBC & EBF Series: 16 to 26 Awg EBA, EBB, EBD, EBE, & EBJ Series: 14 to 22 Awg EBH & EBP Series: 12 to 24 Awg Mating durability: 500 Cycles min. Temperature Rating: Operating temperature: -55°C to +105°C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596 EURO BLOCKS TS & EB SERIES Standard body colors: Black: Series EBA, EBB, EBC, EBD, EBE, EBF, EBG, EBJ, EBT Green: Series EBH, EBP, EBQ, EBK, EBR, EBS, EBV, EBM, EBN, EBW, TSE Other colors also available OPTIONS: Add designator(s) to end of part number C = Closed sides, body styles EBP, EBQ, EBR & EBS E = Mounting ears, body styles EBH & EBK ORDERING INFORMATION EBA C SERIES INDICATOR EBA = .492" Straight EBB = .394" Straight EBC = .327" Straight EBD = .354" Right Angle EBE = .295" Right Angle EBF = .275" Right Angle EBH = .590" Plugable EBJ = .433" Plugable EBK = .440" Plugable EBP = Pin Header, Straight EBQ = Header, Right Angle EBR = Pin Header, Straight EBS = Header, Right Angle EBT = Pin Header, Straight EBV = Pin Header, Straight EBV2 = Stacked Euro Blocks EBW = .335" Straight TSE = Lever Block NO. OF POLES 02 thru 24 CENTERLINE SPACING A = .138" [3.50mm] B = .150" [3.81mm] C = .197" [5.00mm] D = .200" [5.08mm] E = .276" [7.00mm] G = .300" [7.62mm] H = .394" [10.00mm] J = .400" [10.16mm] K = .591" [15.00mm] 03 ® ® V D E UL ® RoHS COMPLIANT 2002 / 95 / EC 2002 / 95 / EC Pb RoHS COMPLIANT |
Similar Part No. - TSE05B |
|
Similar Description - TSE05B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |