Electronic Components Datasheet Search |
|
CWD2425ES-10 Datasheet(PDF) 2 Page - Crydom Inc., |
|
CWD2425ES-10 Datasheet(HTML) 2 Page - Crydom Inc., |
2 / 5 page INPUT SPECIFICATIONS (1) Description CWD CWA CWAxxxxE Control Voltage Range 3-32 VDC 90-280 Vrms 18-36 Vrms Minimum Turn-On Voltage 3 VDC 90 Vrms 18 Vrms Minimum Turn-Off Voltage 1.0 VDC 10 Vrms 2 Vrms Typical Input Current 10 mA @ 12 VDC 6 mA @ 120 Vrms 24 mA @ 24 Vrms Nominal Input Impedance See note 7 14.2 K Ohms (8) 1.0 K Ohms Maximum Turn-On Time [msec] (4)(5) 1/2 Cycle 1/2 Cycle 1/2 Cycle Maximum Turn-Off Time [msec] (5) 1/2 Cycle 1/2 Cycle 1/2 Cycle GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 4000 Vrms Minimum Insulation Resistance (@ 500 VDC) 109 Ohm Maximum Capacitance, Input/Output 8 pF Ambient Operating Temperature Range -40 to 80 °C Ambient Storage Temperature Range -40 to 125 °C Weight (typical) 3.0 oz (86.5 g) Encapsulation Thermally conductive Epoxy Terminals Screw Type, Finger Proof Output: 8-32, Combo Drive Input: 6-32, Combo Drive Max. Torque Output: 20 in lb (2.2Nm) Input: 10 in lb (1.1Nm) Max. Wire Size Output:2 x AWG 8 (3.8mm) Input: 2 x AWG 12 (2.5mm) GENERAL NOTES 1) All parameters at 25°C unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, for derating c urves see page 2. 4) Turn-on time for random turn-on version is 0.02 msec. 5) Turn-on and turn-off time for AC input models is 50 ms. 6) 10mA for models with snubber. 7) Input circuit incorporates active current limiter. 8) 21.5K ohms for random turn-on version (-10 suffix). |
Similar Part No. - CWD2425ES-10 |
|
Similar Description - CWD2425ES-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |