Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C5A50F324C8N Datasheet(PDF) 5 Page - Altera Corporation

Part # EP2C5A50F324C8N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5A50F324C8N Datasheet(HTML) 5 Page - Altera Corporation

  EP2C5A50F324C8N Datasheet HTML 1Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 2Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 3Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 4Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 5Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 6Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 7Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 8Page - Altera Corporation EP2C5A50F324C8N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 168 page
background image
Altera Corporation
1–3
February 2008
Cyclone II Device Handbook, Volume 1
Introduction
133-MHz PCI-X 1.0 specification compatibility
High-speed external memory support, including DDR, DDR2,
and SDR SDRAM, and QDRII SRAM supported by drop in
Altera IP MegaCore functions for ease of use
Three dedicated registers per I/O element (IOE): one input
register, one output register, and one output-enable register
Programmable bus-hold feature
Programmable output drive strength feature
Programmable delays from the pin to the IOE or logic array
I/O bank grouping for unique VCCIO and/or VREF bank
settings
MultiVoltI/O standard support for 1.5-, 1.8-, 2.5-, and
3.3-interfaces
Hot-socketing operation support
Tri-state with weak pull-up on I/O pins before and during
configuration
Programmable open-drain outputs
Series on-chip termination support
Flexible clock management circuitry
Hierarchical clock network for up to 402.5-MHz performance
Up to four PLLs per device provide clock multiplication and
division, phase shifting, programmable duty cycle, and external
clock outputs, allowing system-level clock management and
skew control
Up to 16 global clock lines in the global clock network that drive
throughout the entire device
Device configuration
Fast serial configuration allows configuration times less than
100 ms
Decompression feature allows for smaller programming file
storage and faster configuration times
Supports multiple configuration modes: active serial, passive
serial, and JTAG-based configuration
Supports configuration through low-cost serial configuration
devices
Device configuration supports multiple voltages (either 3.3, 2.5,
or 1.8 V)
Intellectual property
Altera megafunction and Altera MegaCore function support,
and Altera Megafunctions Partners Program (AMPPSM)
megafunction support, for a wide range of embedded
processors, on-chip and off-chip interfaces, peripheral
functions, DSP functions, and communications functions and


Similar Part No. - EP2C5A50F324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5AQ324C6ES ALTERA-EP2C5AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5AQ324C6N ALTERA-EP2C5AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5AQ324C7ES ALTERA-EP2C5AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5AQ324C7N ALTERA-EP2C5AQ324C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5AQ324C8ES ALTERA-EP2C5AQ324C8ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C5A50F324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com