Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKRD6020-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CKRD6020-10
Description  Crydoms CKR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CKRD6020-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  CKRD6020-10 Datasheet HTML 1Page - Crydom Inc., CKRD6020-10 Datasheet HTML 2Page - Crydom Inc., CKRD6020-10 Datasheet HTML 3Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.2
(81.3)
3.5
(88.9)
3.9
(99.0)
.5
(12.7)
SOLID STATE
CONTACTOR
OUTPUT
U
T STA
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
HEAT SINK:
BLACK ANODIZED
ALUMINUM
All dimensions are in inches (millimeters)
2.6
(66.0)
.890
(22.5)
3.2
(81.9)
1/L1
2/T1
+3/A1
4/A2
CKR SERIES
20
30
10
20
40
60
80
Caution
High Temperature
Current Rating 20A @ 25°C
!
GENERAL NOTES
All parameters at 25°C unless otherwise specified.
Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
Turn-on time for DC control random turn-on versions is 0.02msec.
Input circuitry for DC control version incorporates active current limiter.
MECHANICAL SPECIFICATIONS
Transient Over Voltage (P OPTION)
Select "P" option for internal overvoltage protection. At the
presence of high voltage transient the output of the SSR will be
triggered on, and the transient will be passed on to the load circuit
This is a non-degrading method of protection that ensures that
other SSR benefits are maintained.
PROTECTION
CKRINST
Rev. 100107
PAGE 2 OF 3
Earth Bonding (Grounding)
The CKR heatsink is equiped with an earth bonding screw as is
required for Class 1 Protection, in accordance with EN 60950
(VDE 0804).
Terminations
Wire Size
• Maximum wire size of AWG#10 (3mm) on
both input and output terminals.
Connections
• Ensure that wires ends are stripped to a
minimum length of 0.4 inch (10mm).
Recommended Screw Torque Range
• 5.0-6.0 in lb (0.6-0.7 Nm) on input and output termination.
2
2
Over Current and Short Circuit
A solid state relay should be protected by a semiconductor fuse.
This type of fuse provides extremely fast opening of the circuit.
A fuse should be selected that has an I t let-through rating that
is less than the I t capability of the SSR, for the same duration.
Part Number
Package Style
CKR
=
CKR Series
Input (Control) Type
D
=
4.0-32 Vdc
A
=
90-280 Vrms
=
18-36 Vrms (suffix E)
Output Voltage
24
=
24 - 280
Vrms
48
=
48 - 530
Vrms
60
=
48 - 660
Vrms
Note: For detailed electrical specifications see Crydom individual data sheets.
ORDERING INFORMATION
Output Current
10
=
10 Amp
20
=
20 Amp
30
=
30 Amp
AC Control Range
Blank = 90-280 Vrms
E
=
18-36 Vrms
Control Mode
Blank = Zero Cross
10
=
Random
Integrated Overvoltage Protection
Blank = Not Included
P
=
Included
CKR
A
2
4
0
1
3
0
E
P


Similar Part No. - CKRD6020-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKRD6020-10 CRYDOM-CKRD6020-10 Datasheet
1Mb / 5P
   DIN Rail Mount
More results

Similar Description - CKRD6020-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMR CRYDOM-CMR Datasheet
127Kb / 3P
   Crydoms CMR Series
logo
Cornell Dubilier Electr...
CK13BX103K CDE-CK13BX103K Datasheet
609Kb / 6P
   CK and CKR Military Grade Capacitors
CK05BX103M CDE-CK05BX103M Datasheet
609Kb / 6P
   CK and CKR Military Grade Capacitors
logo
Crydom Inc.,
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com