Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABH103U80A Datasheet(PDF) 3 Page - Altech corporation

Part # ABH103U80A
Description  Molded Case Circuit Breakers UL489 Listed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABH103U80A Datasheet(HTML) 3 Page - Altech corporation

  ABH103U80A Datasheet HTML 1Page - Altech corporation ABH103U80A Datasheet HTML 2Page - Altech corporation ABH103U80A Datasheet HTML 3Page - Altech corporation ABH103U80A Datasheet HTML 4Page - Altech corporation ABH103U80A Datasheet HTML 5Page - Altech corporation ABH103U80A Datasheet HTML 6Page - Altech corporation ABH103U80A Datasheet HTML 7Page - Altech corporation ABH103U80A Datasheet HTML 8Page - Altech corporation ABH103U80A Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
48
Rated
Type/
Current
Cat.No.
15A
ABS103U15A
20A
ABS103U20A
30A
ABS103U30A
40A
ABS103U40A
50A
ABS103U50A
60A
ABS103U60A
80A
ABS103U80A
100A
ABS103U100A
125A
ABS203U125A
150A
ABS203U150A
175A
ABS203U175A
200A
ABS203U200A
225A
ABS203U225A
250A
ABS403U250A*
300A
ABS403U300A*
350A
ABS403U350A*
400A
ABS403U400A*
500A
ABS603U500A*
600A
ABS603U600A*
ABSeries
CircuitBreakers ApplicationExamples:
Power distribution, power generation,
motors, etc. Relatively short thermal trip
delay and medium magnetic trip point.
StandardPack:1
Weight:
15-100A1.9kg(4.2lb.)
125-225A2.0kg(4.4lb.)
250-400A5.6kg(12.3lb.)
500-600A8.8kg(19.4lb.)
Rated
Type/
Current
Cat.No.
15A
ABL103U15A
20A
ABL103U20A
30A
ABL103U30A
40A
ABL103U40A
50A
ABL103U50A
60A
ABL103U60A
80A
ABL103U80A
100A
ABL103U100A
125A
ABL203U125A
150A
ABL203U150A
175A
ABL203U175A
200A
ABL203U200A
225A
ABL203U225A
250A
ABL403U250A*
300A
ABL403U300A*
350A
ABL403U350A*
400A
ABL403U400A*
500A
ABL603U500A*
600A
ABL603U600A*
StandardPack:1
Weight:
15-100A1.9kg(4.2lb.)
125-225A2.0kg(4.4lb.)
250-400A5.6kg(12.3lb.)
500-600A8.8kg(19.4lb.)
Rated
Type/
Current
Cat.No.
15A
ABH103U15A
20A
ABH103U20A
30A
ABH103U30A
40A
ABH103U40A
50A
ABH103U50A
60A
ABH103U60A
80A
ABH103U80A
100A
ABH103U100A
125A
ABH203U125A
150A
ABH203U150A
175A
ABH203U175A
200A
ABH203U200A
225A
ABH203U225A
250A
ABH403U250A*
300A
ABH403U300A*
350A
ABH403U350A*
400A
ABH403U400A*
500A
ABH603U500A*
600A
ABH603U600A*
StandardPack:1
Weight:
15-100A1.9kg(4.2lb.)
125-225A2.0kg(4.4lb.)
250-400A5.6kg(12.3lb.)
500-600A8.8kg(19.4lb.)
ABS
50kA@240VAC
25kA@480VAC
*14kA@600VAC
ABH
65kA@240VAC
35kA@480VAC
*18kA@600VAC
ABL
100kA@240VAC
50kA@480VAC
*22kA@600VAC
Description
Type
AuxiliarySwitch
AX
AlarmSwitch
AL
ShuntTrip
SHT
UndervoltageTrip
UVT
Mech.Interlock
MI
InsulationBarrier
IB
Accessories
(seepage54-57)
LISTED
E231289
*AppliesonlytoAB_403_andAB_603_series.


Similar Part No. - ABH103U80A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABH001-00 ETC-ABH001-00 Datasheet
110Kb / 4P
   Excellent Sensitivity to Applied Magnetic Fields
logo
RHOPOINT COMPONENTS
ABH001-00 RHOPOINT-ABH001-00 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
ABH001-00 ETC2-ABH001-00 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
ABH001-00 ETC2-ABH001-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
ABH001-00 ETC2-ABH001-00 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
More results

Similar Description - ABH103U80A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
UL489 ALTECH-UL489 Datasheet
657Kb / 8P
   UL489 Listed Busbars
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com