Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMRD4845E-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CMRD4845E-10
Description  Crydoms CMR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMRD4845E-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  CMRD4845E-10 Datasheet HTML 1Page - Crydom Inc., CMRD4845E-10 Datasheet HTML 2Page - Crydom Inc., CMRD4845E-10 Datasheet HTML 3Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions are in inches (millimeters)
MECHANICAL SPECIFICATIONS
Transient Over Voltage (P OPTION)
Select "P" option for internal overvoltage protection. At the
presence of high voltage transient the output of the SSR will be
triggered on, and the transient will be passed on to the load circuit
This is a non-degrading method of protection that ensures that
other SSR benefits are maintained.
PROTECTION
Terminations
Wire Size
• Maximum wire size of AWG#12 (2.5mm) on
input and AWG#8 (4.8mm) output terminals.
Connections
• Ensure that wires ends are stripped to a
minimum length of 0.4 inch (10 mm).
Recommended Screw Torque Range
• 5-6 in lb (0.6-0.7 Nm) on input and
10-15 in lb (1.1-1.7 Nm) on output terminations.
2
2
Over Current and Short Circuit
A solid state relay should be protected by a semiconductor fuse.
This type of fuse provides extremely fast opening of the circuit.
A fuse should be selected that has an I t let-through rating that
is less than the I t capability of the SSR, for the same duration.
3.0
(76.2)
2.5
(63.5)
3.0
(76.2)
3.5
(88.9)
4.3
(109.2)
.9
(22.9)
1.75
(44.5)
0.75
(19.1)
1.0
(25.4)
OUTPUT
INPUT
U
T S T A
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
HEAT SINK:
BLACK ANODIZED
ALUMINUM
Earth Bonding (Grounding)
The CKR heatsink is equiped with an earth bonding screw as is
required for Class 1 Protection, in accordance with EN 60950
(VDE 0804).
© 2005 CRYDOM CORP, Specifications subject to change without notice.
Part Number
CMR =
CMR Series
Input (Control) Type
Package Style
D
=
3-32 Vdc (CMRD24)
A
=
90-140 Vrms
=
18-36 Vrms (suffix E)
Output Voltage
24
=
24 - 280
Vrms
48
=
48 - 530
Vrms
60
=
48 - 660
Vrms
Output Current
35
=
35 Amp
45
=
45 Amp
55
=
55 Amp
Note: For detailed electrical specifications see Crydom individual data sheets.
ORDERING INFORMATION
65
=
65 Amp
AC Control Range
Blank = 90-140 Vrms
E
=
18-36 Vrms
Control Mode
Blank = Zero Cross
10
=
Random
Integrated Overvoltage Protection
Blank = Not Included
P
=
Included
CMR
A
2
4
0
1
3
5
E
P
=
4-32 Vdc (CMRD48, CMRD60)
CMRINST
Rev. 081508
PAGE 2 OF 3


Similar Part No. - CMRD4845E-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMRD4845E-10 CRYDOM-CMRD4845E-10 Datasheet
1Mb / 5P
   DIN Rail Mount
More results

Similar Description - CMRD4845E-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKR CRYDOM-CKR Datasheet
168Kb / 3P
   Crydoms CKR Series
logo
XFMRS Inc.
XF0366-16CMC XFMRS-XF0366-16CMC Datasheet
59Kb / 2P
   DUAL CMR CHOKE
logo
GREEGOO Electric Co.,Lt...
CMR-301 GREEGOO-CMR-301 Datasheet
933Kb / 2P
   CMR Monolever Switches
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com