Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS11-CX2405A Datasheet(PDF) 4 Page - Crydom Inc.,

Part # MS11-CX2405A
Description  3 -10 Amp 0-200 Vdc DC Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MS11-CX2405A Datasheet(HTML) 4 Page - Crydom Inc.,

  MS11-CX2405A Datasheet HTML 1Page - Crydom Inc., MS11-CX2405A Datasheet HTML 2Page - Crydom Inc., MS11-CX2405A Datasheet HTML 3Page - Crydom Inc., MS11-CX2405A Datasheet HTML 4Page - Crydom Inc., MS11-CX2405A Datasheet HTML 5Page - Crydom Inc., MS11-CX2405A Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5.0
6.0
3.0
1.0
2.0
4.0
0
20
40
60
80
Max. Load Current vs. Temp.
Dielectric Strength 50/60Hz Input/Output/Base
2500 Vrms
Insulation Resistance (Min.) @ 500 Vdc
10 9 Ohm
Max. Capacitance Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80ºC
Ambient Storage Temperature Range
-30 to 80ºC
Weight: (typical)
Encapsulation (SSR):
Thermally Conductive Epoxy
SERIES MS11-CX
Rev. 012405
PAGE 2 OF 2
© 2005 CRYDOM CORP, Specifications subject to change without notice.
R
Random Turn-On Switching
Example: MS11-CX240D5R, MS11-CX240A5R
APPROVALS
( SSR ONLY )
UL
E
116949
CSA
LR
81689
VDE
70938
UG
(240V, DC Control Only)
All dimensions are in millimeters (not to scale)
Colour of carrier and termination housing - orange
30 grms
Series MS11-
CX
5Amp • 240 Vac • AC Output
Input status LED is on DC control module only
12.5
85.0
-A2 +A1
Input
Output
CX Series
Solid State Relay
CRYDOM
DIN Rail TS35
GENERAL SPECIFICATIONS
MECHANICAL SPECIFICATION
CURRENT DERATING CURVE
AMBIENT TEMPERATURE [ C]
AVAILABLE OPTIONS
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 •Tech Support (877) 702-7700 • FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com • WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX: +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - MS11-CX2405A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MS11-CX240D5 CRYDOM-MS11-CX240D5 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - MS11-CX2405A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX60D5 ETC1-CMX60D5 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
logo
WAGO Kontakttechnik Gmb...
750-550 WAGO-750-550 Datasheet
405Kb / 12P
   2-channel analog output; 0 ... 10 VDC
753-559 WAGO-753-559 Datasheet
553Kb / 12P
   4-channel analog output; 0 ... 10 VDC
753-550 WAGO-753-550 Datasheet
539Kb / 12P
   2-channel analog output; 0 ... 10 VDC
750-559-040-000 WAGO-750-559-040-000 Datasheet
555Kb / 11P
   4-channel analog output; 0 ... 10 VDC; Extreme
750-559 WAGO-750-559 Datasheet
555Kb / 11P
   4-channel analog output; 0 ... 10 VDC; Extreme
logo
List of Unclassifed Man...
DC60S3 ETC1-DC60S3 Datasheet
36Kb / 2P
   3-7Amp 60 Vdc DC Output
logo
WAGO Kontakttechnik Gmb...
750-559-025-000 WAGO-750-559-025-000 Datasheet
521Kb / 12P
   4-channel analog output; 0 ... 10 VDC; Ext. Temperature
787-2802 WAGO-787-2802 Datasheet
388Kb / 6P
   DC/DC Converter; 24 VDC input voltage; 10 VDC output voltage
logo
List of Unclassifed Man...
S20DC100 ETC2-S20DC100 Datasheet
972Kb / 4P
   Output to 100A, 200 Vdc DC Solid-State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com