Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKL2-TH Datasheet(PDF) 3 Page - Altech corporation

Part # AKL2-TH
Description  Polystyrene and Polycarbonate - 150x300mm (5.91x11.81in.)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

AKL2-TH Datasheet(HTML) 3 Page - Altech corporation

  AKL2-TH Datasheet HTML 1Page - Altech corporation AKL2-TH Datasheet HTML 2Page - Altech corporation AKL2-TH Datasheet HTML 3Page - Altech corporation AKL2-TH Datasheet HTML 4Page - Altech corporation AKL2-TH Datasheet HTML 5Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
300 mm (11.81 in.)
210 mm (8.27 in.)
132 mm (5.20 in.)
94 mm
(3.70 in.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
78
AKL
Ordering
Cover
Dimensions mm (in)
Std.
Information
Cat. No.
Type / Color
Length
Width
Height
Pk.
Polystyrene
Enclosure - low cover
740-402
AKL 2-g / gray
300 mm (11.81 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Enclosure - high cover
742-902
AKL 2-gh / gray
300 mm (11.81 in.)
300 mm (11.81 in.)
210 mm (8.27 in)
1
Transparent - low cover
744-002
AKL 2-t / trans.
300 mm (11.81 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Transparent - high cover
746-902
AKL 2-th / trans.
300 mm (11.81 in.)
300 mm (11.81 in.)
210 mm (8.27 in)
1
Polycarbonate
Enclosure - low cover
741-402
AKi 2-g / gray
300 mm (11.81 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Enclosure - high cover
743-902
AKi 2-gh / gray
300 mm (11.81 in.)
300 mm (11.81 in.)
210 mm (8.27 in)
1
Transparent - low cover
745-002
AKi 2-t / trans.
300 mm (11.81 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Transparent - high cover
747-902
AKi 2-th / trans.
300 mm (11.81 in.)
300 mm (11.81 in.)
210 mm (8.27 in)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate (plastic) – 240 x 240 mm
795-002
MPI 2
1
Mounting Plate (steel) – 240 x 240 mm
795-012
MPS 2
1
DIN Rail – 250 mm Clip-in
562-735
CITS35/250
1
DIN Rail – 216 mm Surface Mounted
562-035
SMTS35/216
1
Hinge Kit Set
190-005
HK2
1
Mounting Tab Kit (metal)
793-004
MT2
1
Please refer to pages 116-120 for additional accessories and detailed information.
AKL2 – Polystyrene and Polycarbonate – 300x300mm (11.81x11.81in.)
Standard Features
Protection Level:
IP65
Technical:
Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Combination Options
Enclosure Material:
Polystyrene or Polycarbonate
Transparent Cover
Material:
Polycarbonate
Gasket Material:
Polyurethane
Color:
Light Gray
Temperature Range:
Polystyrene
-40˚C to 70˚C (-40˚F to 158˚F)
Polycarbonate
-35˚C to 120˚C (-31˚F to 248˚F)
Included Accessories: (10) M20 Double Membrane Seals
(2) M25 Double Membrane Seals
(2) M32 Double Membrane Seals
(1) M40 Entry Spout
Accessories:
See section below
Please refer to page 126 for Knockout details.


Similar Part No. - AKL2-TH

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AKL RHOPOINT-AKL Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
AKL001-12 RHOPOINT-AKL001-12 Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
AKL002-12 RHOPOINT-AKL002-12 Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
AKL003-12 RHOPOINT-AKL003-12 Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results

Similar Description - AKL2-TH

ManufacturerPart #DatasheetDescription
logo
Altech corporation
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
EK012 ALTECH-EK012 Datasheet
68Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK012
EK002 ALTECH-EK002_13 Datasheet
66Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK002
EK024 ALTECH-EK024 Datasheet
77Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK024
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-506 ALTECH-130-506 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
EK008 ALTECH-EK008 Datasheet
67Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK008
EK004 ALTECH-EK004 Datasheet
64Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK004
ABOX060 ALTECH-ABOX060 Datasheet
142Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE ABOX 060
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com