Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L652F Datasheet(PDF) 1 Page - Crydom Inc.,

Part # L652F
Description  Power Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

L652F Datasheet(HTML) 1 Page - Crydom Inc.,

  L652F Datasheet HTML 1Page - Crydom Inc., L652F Datasheet HTML 2Page - Crydom Inc., L652F Datasheet HTML 3Page - Crydom Inc., L652F Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L Series
Low Profile
7 Different Circuits to Choose from
• Designed for Printed Circuit Board Connections
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Symbol
L3
L4
L5
Maximum DC Output Current (Tc = 85°C)
ID
15 A
25 A
42.5 A
Maximum Voltage Drop @ Amps Peak
VF
2.2V @ 15A
1.65V @ 25A
1.6V @ 42.5A
Operating Junction Temperature Range
TJ
-40 - 125°C
Critical Rate of Rise of On-State Current @ TJ=125°C
di/dt
100A/µs
Critical Rate of Rise of Off-State Voltage [V/µs]
dv/dt
500A/µs
120 (400VRRM)
240 (600VRRM)
AC Line Input Voltage (Repetitive Peak Reverse Voltage)
VRMS
280(800VRRM)
480(1200VRRM)
Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz) [A]
ITSM
225
300
600
Maximum I²T for Fusing (t=8.3ms) [A²sec]
I2T
210
375
1500
Maximum Required Gate Current to Trigger @ 25°C [mA]
IGT
60
60
80
Maximum Required Gate Voltage to Trigger @ 25°C [V]
VGT
2.5
2.5
3.0
Average Gate Power [W]
PG(AV)
0.5
0.5
0.5
Maximum Peak Reverse Gate Voltage [V]
VGM
5.0
5.0
5.0
Maximum Thermal Resistance, Junction to Ceramic Base per Chip [°C/W]
RJC
1.25°C/W
0.9°C/W
0.7°C/W
Isolation Voltage [Vrms]
VISOL
2500
GENERAL SPECIFICATIONS
Description
Weight (typical)
.5 oz (14.4g)


Similar Part No. - L652F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L652F ETC2-L652F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
More results

Similar Description - L652F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
   Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
   Power Modules
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
   Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
   Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
   Power Modules
logo
Inchange Semiconductor ...
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
   Power Modules
logo
Crydom Inc.,
EFD01BF CRYDOM-EFD01BF Datasheet
1Mb / 5P
   Power Modules
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
   power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
   Power Modules
logo
Crydom Inc.,
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
   power modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com