Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-50B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # T-50B
Description  50W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-50B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  T-50B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-50B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
T-50A
T-50B
T-50C
T-50D
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
5V
12V
CH2
-5V
CH3
12V
CH2
15V
CH2
12V
CH2
-12V
CH3
-15V
CH3
24V
CH3
5V
CH1
5V
CH1
5V
CH1
7A
1A
1A
1A
1A
1A
1A
1A
1A
5A
4A
3A
0.6~7A
0.2~1A
0.2~1A
0.2~1A
0.2~1A
0.2~1.2A 0.2~1.2A
0.2~1A
0.2~1A
0.6~5A
0.6~4A
0.6~4A
52W
49W
50W
51W
100mVp-p 100mVp-p 100mVp-p
100mVp-p
100mVp-p
120mVp-p 120mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
50mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
6.0%
6.0%
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
5.0%
5.0%
1.0%
1.0%
1.0%
1.0%
1.0%
200ms,100ms atfullload
16ms atfullload
200ms,80ms atfullload
85 ~132VAC/170~264VACselectedbyswitch240~370VDC
47~63Hz
66%
69%
71%
72%
1.6A/115VAC0.8A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<0.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
DesignrefertoUL1012
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
20~90%RH non-condensing
-10~+65
(Refertooutputloadderatingcurve),20~90%RH
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
470.2Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
FileName:T-50-SPEC2005-09-06
0.54Kg;24pcs/14Kg/0.75CUFT
50W TripleOutputSwitchingPowerSupply
AC input range selectable by switch
Protections:Short circuit/Over load
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 24KHz I/P-O/P:Rated
Low cost
High reliability
1 year warranty
Features :
T- 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
CH1
OUTPUTNUMBER


Similar Part No. - T-50B

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
List of Unclassifed Man...
T-50101 ETC-T-50101 Datasheet
23Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-50101 RHOMBUS-IND-T-50101 Datasheet
27Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50101 RHOMBUS-IND-T-50101 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
T-50102 RHOMBUS-IND-T-50102 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
More results

Similar Description - T-50B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
   50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-50 TOTAL-POWER-RT-50 Datasheet
493Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-50 MEANWELL-NET-50 Datasheet
425Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50 Datasheet
406Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com