Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # T-30
Description  30W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  T-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
85~132VAC/170~264VACselectedbyswitch240~370VDC
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved.
SPECIFICATION
MODEL
T-30A
T-30B
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
5V
12V
-5V
5V
12V
-12V
3A
1A
0.5A
3A
1A
0.5A
0.5~3A
0.1~1A
0.1~0.5A
0.5~3A
0.1~1A
0.1~0.5A
30W
33W
50mVp-p
100mVp-p
50mVp-p
50mVp-p
100mVp-p
100mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
+2,-6%
+2,-10%
2.0%
+2,-6%
6.0%
0.5%
1.0%
1.0%
0.5%
1.0%
1.0%
0.5%
5.0%
5.0%
0.5%
5.0%
5.0%
200ms,100ms,30msatfullload
47~63Hz
70%
72%
0.8A/115VAC0.45A/230VAC
COLDSTART 18A/115VAC36A/230VAC
<0.75mA /240VAC
105~150% ratedoutputpower
DesignrefertoUL1012
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
463.1Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
FileName:T-30-SPEC2004-06-30
0.42Kg;30pcs/13.6Kg/0.86CUFT
30W TripleOutputSwitchingPowerSupply
AC input range selected by switch
Protections:Short circuit/Over load
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 23KHz
1 year warranty
Features :
T- 3 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
Designreferto FCCPart15JConductionClass A
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.


Similar Part No. - T-30

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-30 COOPER-T-30 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-30 EATON-T-30 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
3M Electronics
T-30 3M-T-30 Datasheet
281Kb / 5P
   3M??Petroleum Sorbents
logo
Rhombus Industries Inc.
T-30000 RHOMBUS-IND-T-30000 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
T-30001 RHOMBUS-IND-T-30001 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
More results

Similar Description - T-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-30 MEANWELL-D-30 Datasheet
422Kb / 2P
   30W Dual Output Switching Power Supply
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com