Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKRD4830P Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CKRD4830P
Description  DIN Rail Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CKRD4830P Datasheet(HTML) 2 Page - Crydom Inc.,

  CKRD4830P Datasheet HTML 1Page - Crydom Inc., CKRD4830P Datasheet HTML 2Page - Crydom Inc., CKRD4830P Datasheet HTML 3Page - Crydom Inc., CKRD4830P Datasheet HTML 4Page - Crydom Inc., CKRD4830P Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range
4.0-32 VDC
90-280 Vrms
18-36 Vrms
Maximum Turn-On Voltage
4.0 VDC
90 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
4.0 Vrms
Typical Input Current (4)
8-12 mA
2 mA @ 120 Vrms, 4 mA @ 240
Vrms
10 mA @ 24 Vrms
Maximum Turn-On Time [msec] (3)
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
40
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40ºC to 80ºC
Ambient Storage Temperature Range
-40ºC to 125ºC
Status Indicator Display
Green LED
Weight (typical)
10 oz. (280g)
Encapsulation
Thermally Conductive Epoxy
Terminals
Box Clamp Type
Maximum Wire Size:
AWG # 10 (3mm)
Recommended Terminal Screw Torque Range:
5.0-6.0 in lb (0.6-0.7 Nm)
Min. Side by Side Spacing
0.8 inch (20mm)


Similar Part No. - CKRD4830P

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKRD4830P CRYDOM-CKRD4830P Datasheet
168Kb / 3P
   Crydoms CKR Series
CKRD4830P-10 CRYDOM-CKRD4830P-10 Datasheet
168Kb / 3P
   Crydoms CKR Series
More results

Similar Description - CKRD4830P

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com