Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN10K Datasheet(PDF) 4 Page - Supertex, Inc

Part # VN10K
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN10K Datasheet(HTML) 4 Page - Supertex, Inc

  VN10K Datasheet HTML 1Page - Supertex, Inc VN10K Datasheet HTML 2Page - Supertex, Inc VN10K Datasheet HTML 3Page - Supertex, Inc VN10K Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
VN10K
Typical Performance Curves
Transconductance vs Gate-Source Voltage
ID (amperes)
Output Conductance vs Drain Current
On-Resistance vs. Gate-to-Source Voltage
Tj (°C)
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
50
40
30
20
10
0
VDS (volts)
VGS (Volts)
BVDSS Variation with Temperature
010
20
30
40
02468
10
-50
0
50
100
150
1.1
1.0
0.9
100
10
1
100
10
02468
10
1.0
0.8
0.6
0.4
0.2
0
50
250
200
150
100
50
0
VGS (volts)
1.0
0.1
0.01
0.01
0.1
1.0
VDS = 0.1V
1
REDUCTION
DUE TO
HEATING
VDS = 10V
300µs, 2%
DUTY CYCLE
PULSE TEST
VDS = 25V
80µs, 1%
DUTY CYCLE
PULSE TEST
VDS = 10V
3000µs, 2%
DUTY CYCLE
PULSE TEST
CISS
COSS
CRSS


Similar Part No. - VN10K

ManufacturerPart #DatasheetDescription
logo
Seme LAB
VN10K SEME-LAB-VN10K Datasheet
229Kb / 3P
   N-CHANNEL ENHANCEMENT MODE MOSFET
VN10K-TO18 SEME-LAB-VN10K-TO18 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
TEMIC Semiconductors
VN10KE TEMIC-VN10KE Datasheet
202Kb / 4P
   N-Channel Enhancement-Mode MOS Transistors
logo
Seme LAB
VN10KE SEME-LAB-VN10KE Datasheet
196Kb / 3P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Vishay Siliconix
VN10KLS VISHAY-VN10KLS Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFETs with Zener Gate
Rev. F, 16-Jul-01
More results

Similar Description - VN10K

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com