Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D06D60 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # D06D60
Description  Panel Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D06D60 Datasheet(HTML) 1 Page - Crydom Inc.,

  D06D60 Datasheet HTML 1Page - Crydom Inc., D06D60 Datasheet HTML 2Page - Crydom Inc., D06D60 Datasheet HTML 3Page - Crydom Inc., D06D60 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D06D Series
• MOSFET output
• Ratings from 60A to 100A @ 60 VDC
• DC control
• Relays are easily paralleled for higher-current applications
PRODUCT SELECTION
Control Voltage
60A
80A
100A
3.5-32 VDC
D06D60
D06D80
D06D100
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
0-60 VDC
0-60 VDC
0-60 VDC
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.2
0.3
Maximum On-State Resistance @ Rated Current [RDS-ON][Ohms]
0.010
0.008
0.005
Maximum Load Current (3) [Arms]
60
80
100
Minimum Load Current [mArms]
5
5
5
Maximum Surge Current (16.6ms) [Apk]
180
220
270
Maximum On-State Voltage Drop @ Rated Current [Vpk]
0.6
0.7
0.5
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.6
0.47
0.32
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
3.5-32 VDC
Maximum Turn-On Voltage
3.5 VDC
Minimum Turn-Off Voltage
1.0 VDC
Maximum Input Current
1.6 mA (5 VDC), 28 mA (32 VDC)
Nominal Input Impedance
See Note 4
Maximum Turn-On Time [μsec]
300
Maximum Turn-Off Time [μsec]
1.0
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
50 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screws and Saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in lbs. 8-32 and 10-32 Screws -20 in. lbs. (Screws dry without grase)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, for derating curves see page 2.
4) Input circuitry incorporates active current limiter
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - D06D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D06D60 CRYDOM-D06D60 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D06D60 CRYDOM-D06D60 Datasheet
630Kb / 4P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
More results

Similar Description - D06D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com