Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-50 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SD-50
Description  50W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-50 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-50 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-50 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(SD-50C-24V)
FileName:SD-50-SPEC2003-10-26
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
100
10
0
0
20
40
60
80
-10
-10
20
30
40
50
45
60
55
SD-50A
SD-50B,C
INPUTVOLTAGE(V)
25
30
35
40
45
50
55
60
65
70
72
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
(VERTICAL)
(
)
HORIZONTAL
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
DCINPUT V+
DCINPUT V-
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
5
4
3
2
1
50WSingleOutputDC-DCConverter
S D - 5 0 series


Similar Part No. - SD-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
387Kb / 2P
   50W Single Output DC-DC Converter
logo
CUI INC
SD-50 CUI-SD-50 Datasheet
316Kb / 5P
   SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-50 CUI-SD-50 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
SD-50 CUI-SD-50 Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
More results

Similar Description - SD-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
SD-50 MEANWELL-SD-50_10 Datasheet
387Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
SKM50 MEANWELL-SKM50 Datasheet
152Kb / 1P
   50W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com