Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPH280SG Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # SPH280SG
Description  0.80mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

SPH280SG Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  SPH280SG Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
240
INTRODUCTION:
Adam Tech 0.8mm and 1.00mm Pin Header and Female Header
series is a fine pitch, low profile, dual row, PCB mounted connector
set intended for limited space applications or where total weight is a
factor. Our specially tooled insulators and contacts maintain
consistent high quality through our automated production processes.
Each series is available in thru-hole PCB or SMT mounting and
plated tin, gold or selective gold as specified.
FEATURES:
0.8mm and 1.0mm versions
Pin Header and Female Header set
Lightweight and Compact
Hi Temp Insulators
MATING OPTIONS:
Mates with all industry standard 0.8mm & 1.0mm pitch headers and
female headers
SPECIFICATIONS:
Material:
Standard Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Plating:
U = Gold flash (30u” optional) over nickel underplate
SG = Gold flash (30u” optional) over nickel underplate on
contact area, tin over copper underplate on tails.
T = Tin over copper underplate overall.
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Mating durability: 500 cycles min.
Temperature Ratings:
Operating temperature: -40°C to +105°C
Max process temp: 230°C for 30 ~ 60 seconds
(260°C for 10 seconds)
Soldering process temperature: 260°C
PACKAGING:
Anti-ESD plastic bags or tubes
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
0.8mm MALE ORDERING INFORMATION
0.8mm FEMALE ORDERING INFORMATION
PLATING
U
= Gold plated
SG = Selectively gold plated
T
= Tin plated
MOUNTING
Blank = Thru-hole
SMT
= Surface
mount
SERIES
INDICATOR
SPH2 = 0.8mm
Dual Row
Header
POSITIONS
04 thru 80
PLATING
U
= Gold plated
SG = Selectively gold plated
T
= Tin plated
MOUNTING
Blank = Thru-hole
SMT
= Surface
mount
SERIES
INDICATOR
SRS2 = 0.8mm
Dual Row
Female
Header
0.80mm SUB-MICRO HEADERS
1.00mm MICRO HEADERS
.031" [0.80] & .039" [1.00] CENTERLINE
MPH & SPH / MRS & SRS
SG
SMT
20
SPH2
SG
SMT
20
SRS2
POSITIONS
04 thru 80
1.0mm FEMALE ORDERING INFORMATION
1.0mm MALE ORDERING INFORMATION
POSITIONS
04 thru 80
PLATING
U
= Gold plated
SG = Selectively gold plated
T
= Tin plated
SG
MOUNTING
Blank = Thru-hole
SMT
= Surface
mount
SMT
20
MPH2
SERIES
INDICATOR
MPH2 = 1.0mm
Dual Row
Pin Header
POSITIONS
04 thru 80
PLATING
U
= Gold plated
SG = Selectively gold plated
T
= Tin plated
MOUNTING
Blank = Thru-hole
SMT
= Surface
mount
SERIES
INDICATOR
MRS2 = 1.0mm
Dual Row
Female
Header
SG
SMT
20
MRS2
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - SPH280SG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SPH2-60-UA ADAM-TECH-SPH2-60-UA Datasheet
257Kb / 1P
   0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
SPH2-60-UA-SMT ADAM-TECH-SPH2-60-UA-SMT Datasheet
257Kb / 1P
   0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
SPH2-U-091-SMT-P-SPH ADAM-TECH-SPH2-U-091-SMT-P-SPH Datasheet
85Kb / 1P
   DUAL ROW SUB-MICRO PIN HEADER
SPH2-XX-SG-SMT ADAM-TECH-SPH2-XX-SG-SMT Datasheet
82Kb / 1P
   909 Rahway Avenue
SPH2-XX-T-SMT-PP-TR ADAM-TECH-SPH2-XX-T-SMT-PP-TR Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - SPH280SG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SPH2-60-UA ADAM-TECH-SPH2-60-UA Datasheet
257Kb / 1P
   0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
logo
Molex Electronics Ltd.
44914-0201 MOLEX-44914-0201 Datasheet
256Kb / 2P
   3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
   PIN HEADERS
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
Aries Electronics, Inc.
08-675-190T ARIES-08-675-190T Datasheet
543Kb / 1P
   DIP Program Headers
logo
SparkFun Electronics
DEV-14058 SPARKFUN-DEV-14058 Datasheet
95Kb / 2P
   Teensy 3.6 (Headers)
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com