Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


S-100-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. S-100-5
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(24V)
FileName:S-100-SPEC2008-04-10
CaseNo.902Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
S-100-7.5
S-100-3.3,5
S-100-12~48
80
160
85
170
90
95
180
100
190
105
200
110
210
115
220
120
230
125
240
250
130
260
28
32
24
20
16
12
8
Ta=25
50
100
200
150
250
300
350
BlockDiagram
fosc:25KHz
EMI
FILTER
RECTIFIERS
230
115
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
DRIVER
PWM
CONTROL
O.C.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
100WSingleOutputSwitchingPowerSupply
S - 1 0 0 series




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RS-100100W Single Output Switching Power Supply 1 2 Astrodyne Corporation
RS-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
S-100F100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
CLG-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AS-100F100W Single Output Switching Power Supply 1 2 Astrodyne Corporation
NES-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
PLC-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
PLN-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RS-5050W Single Output Switching Power Supply 1 2 Astrodyne Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl