Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK1509-ADJ Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IK1509-ADJ
Description  Switching Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK1509-ADJ Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IK1509-ADJ Datasheet HTML 1Page - IK Semicon Co., Ltd IK1509-ADJ Datasheet HTML 2Page - IK Semicon Co., Ltd IK1509-ADJ Datasheet HTML 3Page - IK Semicon Co., Ltd IK1509-ADJ Datasheet HTML 4Page - IK Semicon Co., Ltd IK1509-ADJ Datasheet HTML 5Page - IK Semicon Co., Ltd IK1509-ADJ Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IK1509-xx
6
Package Dimensions
SOP-8
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.8
5
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
1.27
5.72
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5


Similar Part No. - IK1509-ADJ

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1589 IKSEMICON-IK1589 Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589D2 IKSEMICON-IK1589D2 Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589D2T IKSEMICON-IK1589D2T Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589DOT IKSEMICON-IK1589DOT Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589KB IKSEMICON-IK1589KB Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
More results

Similar Description - IK1509-ADJ

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com