Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK1509-XX Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK1509-XX
Description  Switching Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK1509-XX Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK1509-XX Datasheet HTML 1Page - IK Semicon Co., Ltd IK1509-XX Datasheet HTML 2Page - IK Semicon Co., Ltd IK1509-XX Datasheet HTML 3Page - IK Semicon Co., Ltd IK1509-XX Datasheet HTML 4Page - IK Semicon Co., Ltd IK1509-XX Datasheet HTML 5Page - IK Semicon Co., Ltd IK1509-XX Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IK1509-xx
2
Absolute Maximum Rating
(TA = 25
oC)
Characteristic
Symbol
Value
Unit
Maximum Input Supply Voltage
VI
+30
V
ON/OFF Pin Input Voltage
VIN
-0.3
≤ V ≤ V
I
V
Feedback Pin Voltage
VFB
-0.3
≤ V ≤ V
I
V
Output Voltage to Ground
VOUT
-1
V
Power Dissipation
PD
Internally limited
W
Storage Temperature Range
Tstg
-65 to +150
oC
Operating Temperature Range
TJ
-40
≤ T
J ≤ +125
oC
Maximum Junction Temperature
TJMAX
150
oC
ESD Susceptibility (Human Body Model)
VESD
2
kV
Operating Supply Voltage
VOP
4.5 to +25
V
Typical Aplication (Fixed Output Voltage Versions)


Similar Part No. - IK1509-XX

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1589 IKSEMICON-IK1589 Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589D2 IKSEMICON-IK1589D2 Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589D2T IKSEMICON-IK1589D2T Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589DOT IKSEMICON-IK1589DOT Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
IK1589KB IKSEMICON-IK1589KB Datasheet
324Kb / 9P
   2.7 A Low Dropout Positive Regulator
More results

Similar Description - IK1509-XX

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com