Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK3301 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IK3301
Description  Triple DC to DC Converter Control IC for CCD Image sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3301 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IK3301 Datasheet HTML 1Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 2Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 3Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 4Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 5Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 6Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 7Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 8Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
IK3301
Rev. 01
Electrical Description
The standard external components for standard load are shown in Figure 4.
1. Multi-output Generation(-8V & 5V & 15V)
IK3301 consists of CMOS step-down, step-up, and Voltage-inverting switching regulator, which produces
5V, 15V, and -8V. This device contains an internal temperature compensated bandgap reference,
comparator, duty cycle controlled oscillator with cycle-cycle current limit circuit, and high current
output switch with logic gates. Three outputs of 5V, 15V, and -8V are adjustable through two
external feedback resistors with 2% reference voltage accuracy. The power efficiency depends on
the value and the efficiency of external components, the load current and the target ripple voltage.
The minimum efficiency of the 5V voltage generator is 80% with the reference circuit shown in
Figure 4. The maximum load current of 5V of the reference circuit is 300mA, the maximum ripple
voltage is 20mV. To save external components, internal Pch and Nch Power MOS FET are used
to generate -8V and 15V. The 5V Pch Power MOS FET is used as external component because of
high peak current and package power dissipation.
2. Internal BG Reference
IK3301 generates three outputs which are determined by the internal bandgap reference voltage and the
ratio of the feedback resistors. Therefore, the output voltages of 15V, 5V, and -8V are also
insensitive of the temperature and power supply variations.
3. Internal Oscillator
IK3301 has an internal oscillator which charges and discharges the internal timing capacitor using current
sourcing and sinking between an upper and lower predetermined threshold voltage. The upper
threshold voltage is 1.8V and the lower threshold voltage is 0.8V. The charging current and
discharging current ratio is one to six which will vary depending on running frequency. The
oscillator frequency is around 500KHz which is determined by the chosen internal capacitor value
and charging & discharging current and oscillator amplitude.
Internal Oscillator


Similar Part No. - IK3301

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3301 IKSEMICON-IK3301 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
IK3301 IKSEMICON-IK3301_11 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
More results

Similar Description - IK3301

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3301 IKSEMICON-IK3301_11 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com