Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ-50B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RQ-50B
Description  50W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RQ-50B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RQ-50B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RQ-50B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RQ-50B
RQ-50C
RQ-50D
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
-5V
CH3
5V
CH1
15V
CH2
-5V
CH3
12V
CH2
-15V
CH4
24V
CH3
5V
CH1
-12V
CH4
-12V
CH4
5A
1A
0.5A
5A
1A
0.5A
0.9A
0.5A
0.9A
3A
0.5A
0.5A
0.5~6A
0.2~1.5A 0~1A
0.5~6A
0.2~1.5A 0~1A
0.2~1.5A
0~1A
0.1~1A
0.5~6A
0~1A
0~1A
45.5W
50W
53.4W
80mVp-p 120mVp-p 100mVp-p
80mVp-p 120mVp-p 100mVp-p
120mVp-p
80mVp-p
180mVp-p
80mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
2.0%
6.0%
6.0%
+7,-5%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
0.5%
1.5%
0.5%
1.5%
1.5%
0.5%
0.5%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
3.0%
0.5%
3.0%
3.0%
1.0%
1.0%
3.0%
0.5%
1.0%
1.0%
1.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
60ms/230VAC10ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
74%
79%
75%
CH1:5.75~6.75V
1.3A/115VAC0.8A/230VAC
COLDSTART 36A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1 Approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
162.9Khrsmin.MIL-HDBK-217F(25
)
99*97*36mm(L*W*H)
FileName:RQ-50-SPEC2006-04-12
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
0.41Kg;45pcs/19.5Kg/0.9CUFT
50WQuadOutputSwitchingPowerSupply
R Q - 5 0 series
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
EMICONDUCTION&RADIATION
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)heavyindustrylevel,criteria A
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
CH1
OUTPUTNUMBER


Similar Part No. - RQ-50B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-50B ASTRODYNE-RQ-50B Datasheet
308Kb / 2P
   50W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-50B RSG-RQ-50B Datasheet
249Kb / 2P
   50W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-50B MEANWELL-RQ-50B Datasheet
238Kb / 2P
   50W Quad Output Switching Power Supply
RQ-50B MEANWELL-RQ-50B Datasheet
239Kb / 2P
   50W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-50B TOTAL-POWER-RQ-50B Datasheet
301Kb / 2P
   50W Quad Output Switching Power Supply
More results

Similar Description - RQ-50B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RQ-50 MEANWELL-RQ-50_11 Datasheet
239Kb / 2P
   50W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-50 RSG-RQ-50 Datasheet
249Kb / 2P
   50W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ50 ASTRODYNE-RQ50 Datasheet
0Kb / 4P
   50W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
   50W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ-50 ASTRODYNE-RQ-50 Datasheet
308Kb / 2P
   50W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-50 MEANWELL-RQ-50_10 Datasheet
238Kb / 2P
   50W Quad Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
   50W Triple Output Switching Power Supply
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
   50W Dual Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
D-50 MEANWELL-D-50 Datasheet
391Kb / 2P
   50W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com