Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMC2R02TT Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # HSMC2R02TT
Description  SCREW MACHINE SOCKETS & TERMINAL STRIPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HSMC2R02TT Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  HSMC2R02TT Datasheet HTML 1Page - Adam Technologies, Inc. HSMC2R02TT Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
183
SCREW MACHINE SOCKETS
& TERMINAL STRIPS
ICM SERIES
ICM-624-1-GT
1.40 [35.56]
1.60 [40.64]
32
28
.400 [10.16]
.700 [17.78]
.800 [20.32]
1.00 [25.40]
.900 [22.86]
14
16
20
18
8
POSITION
A
1.50 [38.10]
1.30 [33.02]
.900 [22.86]
.800 [20.32]
.700 [17.78]
.600 [15.24]
.300 [7.62]
B
.400 [10.16]
CD
.700 [17.78]
.100 [2.54]
.163 [4.15]
.100 [2.54]
.178
[4.52]
.118 [3.00]
.114 [2.91]
C
ø.020
[0.50]
ø .052 [1.32]
ø.017
[0.44]
C
.118 [3.00]
.118 [3.00]
ø.017
[0.44]
.470
[11.96]
6
.300 [7.62]
.200 [5.08]
.400 [10.16]
10
.500 [12.70]
1.90 [48.26]
40
2.00 [50.80]
2.40 [60.96]
50
2.50 [63.50]
52
1.10 [27.94]
1.20 [30.48]
24
1.00 [25.40]
1.10 [27.94]
22
2.60 [66.04]
52
2.50 [63.50]
1.00 [25.40]
2.50 [63.50]
50
2.40 [60.96]
2.60 [66.04]
2.50 [63.50]
.500 [12.70]
ROW SPACING
.900 [22.86]
.400 [10.16]
.600 [15.24]
.300 [7.62]
24
1.20 [30.48]
1.10 [27.94]
28
1.40 [35.56]
1.30 [33.02]
20
1.00 [25.40]
.900 [22.86]
24
28
32
1.20 [30.48]
1.40 [35.56]
1.60 [40.64]
1.10 [27.94]
1.30 [33.02]
1.50 [38.10]
36
1.80 [45.72]
1.70 [43.18]
42
2.10 [53.34]
1.90 [48.26]
48
2.40 [60.96]
2.30 [58.42]
ø.027 ~ .035
[0.70 ~ 0.90]
.162
[4.13]
.118
[3.00]
.292
[7.43]
A
B
B
D
D
D
B
A
MCT
1
04
SERIES INDICATOR
1MCT= .039 (1.00mm)
Screw machine
contact
terminal strip
HMCT= .050 (1.27mm)
Screw machine
contact
terminal strip
2MCT= .078 (2.00mm)
Screw machine
contact
terminal strip
MCT= .100 (2.54mm)
Screw machine
contact
terminal strip
BODY STYLE
1 = Single Row Straight
1R = Single Row Right Angle
2 = Dual Row Straight
2R = Dual Row Right Angle
POSITIONS
Single Row:
01 thru 40
Dual Row:
02 thru 80
TAIL LENGTH
1 = Standard Lengh
2 = Special Lengh,
customer specified
as tail length/
total length
GT
PLATING
G = Gold Flash overall
T = 100u" Tin overall
1
ORDERING INFORMATION
SCREW MACHINE TERMINAL STRIPS
TMC-624-1-GT
ICM SERIES
DUAL ROW
SOCKET
TMC SERIES
DUAL ROW
TERMINALS
Drawings Pg.184-185 Options Pg.182
Photos &


Similar Part No. - HSMC2R02TT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSMC-1-XX-1-GT ADAM-TECH-HSMC-1-XX-1-GT Datasheet
112Kb / 1P
   909 Rahway Avenue
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-J00J1 AVAGO-HSMC-A100-J00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A100-N00H1 BOARDCOM-HSMC-A100-N00H1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMC2R02TT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICM-624-1-GT ADAM-TECH-ICM-624-1-GT Datasheet
114Kb / 1P
   SCREW MACHINE SOCKETS & TERMINAL STRIPS
HMCT-2-XX-1-T ADAM-TECH-HMCT-2-XX-1-T Datasheet
92Kb / 1P
   SCREW MACHINE TERMINAL STRIP
logo
CamdenBoss Ltd.
CTS4P CAMDENBOSS-CTS4P Datasheet
875Kb / 2P
   Screw to s c rewless terminal strips
CTS2P CAMDENBOSS-CTS2P Datasheet
875Kb / 2P
   Screw to s c rewless terminal strips
logo
Adam Technologies, Inc.
ICM-6XX-1-GT ADAM-TECH-ICM-6XX-1-GT Datasheet
87Kb / 1P
   SCREW MACHINE SOCKET
ICM-XXX-1-GT ADAM-TECH-ICM-XXX-1-GT Datasheet
148Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-SMT-GT-HT ADAM-TECH-ICM-6XX-SMT-GT-HT Datasheet
81Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-SMT-GT ADAM-TECH-ICM-6XX-SMT-GT Datasheet
82Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-1-GT-NB ADAM-TECH-ICM-6XX-1-GT-NB Datasheet
90Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-1-TT ADAM-TECH-ICM-6XX-1-TT Datasheet
87Kb / 1P
   SCREW MACHINE SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com