Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2575Q Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL2575Q
Description  1.0 A, 15 V, Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575Q Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL2575Q Datasheet HTML 3Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 4Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 5Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 6Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 9Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 10Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IL2575-xx
5.0 Output Voltage Versions
Adjustable Output Voltage Versions
Figure 14. Typical Test Circuits
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed circuit board is very important. Rapidly switching
currents associated with wiring inductance, stray capacitance and parasitic inductance of the printed circuit
board traces can generate voltage transients which can generate electromagnetic interferences (EMI) and
affect the desired operation. As indicated in the Figure 14, to minimize inductance and ground loops, the
length of the leads indicated by heavy lines should be kept as short as possible. For best results, single–
point grounding (as indicated) or ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2 (emitter of the internal switch) of the IL2575
should be kept to a minimum in order to minimize coupling to sensitive circuitry. Another sensitive part of the
circuit is the feedback. It is important to keep the sensitive feedback wiring short. To assure this, physically
locate the programming resistors near to the regulator, when using the adjustable version of the IL2575
regulator.
Rev. 00


Similar Part No. - IL2575Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2576-12 IKSEMICON-IL2576-12 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12D2 IKSEMICON-IL2576-12D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12S IKSEMICON-IL2576-12S Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15 IKSEMICON-IL2576-15 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15D2 IKSEMICON-IL2576-15D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2575Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com