Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK3051AD Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK3051AD
Description  Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3051AD Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK3051AD Datasheet HTML 1Page - IK Semicon Co., Ltd IK3051AD Datasheet HTML 2Page - IK Semicon Co., Ltd IK3051AD Datasheet HTML 3Page - IK Semicon Co., Ltd IK3051AD Datasheet HTML 4Page - IK Semicon Co., Ltd IK3051AD Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
Rev. 00
Constant Voltage and Constant Current Controller
for Adaptors and Battery Chargers
Description
IK3051A is a highly integrated solution for SMPS
applications requiring constant voltage and constant
current mode.
IK3051A
integrates
one
voltage
reference,
two
operational amplifiers (with ORed outputs – common
collectors), and a current sensing circuit.
The voltage reference combined with one operational
amplifier makes it an ideal voltage controller, and the
other low voltage reference combined with the other
operational amplifier makes it an ideal current limiter for
output low side current sensing.
The current threshold is fixed and precise.
The only external components are:
A resistor bridge to be connected to the output of
the power supply (adapter, battery charger) to set
the voltage regulation by dividing the desired output
voltage to match the internal voltage reference
value.
A sense resistor having a value and allowable
dissipation
power
which
need
to
be
chosen
according to the internal voltage threshold.
Optional compensation components (R and C).
IK3051A, is ideal for smallest package available, is
ideal for space shrinked applications such as adapters
and battery chargers.
Features
• CONSTANT VOLTAGE AND CONSTANT CURRENT
CONTROL
• LOW VOLTAGE OPERATION
• PRECISION INTERNAL COMPONENT COUNT
• CURRENT SINK OUTPUT STAGE
• EASY COMPENSATION
• LOW AC MAINS VOLTAGE REJECTION
Pin Definitions and Functions
SOT23-6 Pinout
Name
Pin#
Type
Function
Vcc
6
Power Supply
Positive Power Supply Line
GND
2
Power Supply
Ground Line. 0V Reference For All Voltages
Vctrl
1
Analog Input
Input Pin of the Voltage Control Loop
Ictrl
4
Analog Input
Input Pin of the Current Control Loop
Out
3
Current Sink Output
Output Pin. Sinking Current Only
Vsense
5
Analog Input
Input Pin of the Current Control Loop
IK3051A


Similar Part No. - IK3051AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results

Similar Description - IK3051AD

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com