Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX3232DW Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # ILX3232DW
Description  Interface Transceiver of RS-232 Standard with One Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILX3232DW Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button ILX3232DW Datasheet HTML 2Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 3Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 4Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 5Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 6Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 7Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 8Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 9Page - IK Semicon Co., Ltd ILX3232DW Datasheet HTML 10Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ILX3232
January 2009, Ver. 04
The circuit models in Figures 1 and 2 represent the typical ESD testing circuits used for these
methods. The CS is initially charged with the DC power supply when the first switch (SW1) is on. Now that
the capacitor is charged, the second switch (SW2) is on while SW1 switches off. The voltage stored in the
capacitor is then applied through RS, the current limiting resistor, onto the device under test (DUT). In ESD
tests, the SW2 switch is pulsed so that the device under test receives a duration of voltage.
Fig. 2. ESD Test Circuit for IEC1000-4-2
Fig. 3. ESD Test Waveform for IEC1000-4-2
For the Human Body Model, the current limiting resistor (R
S
) and the source capacitor (C
S
) are 1.5kΩ
an 100pF, respectively. For IEC-1000-4-2, the current limiting resistor (R
S
) and the source capacitor (C
S
) are
330Ω an 150pF, respectively. The higher C
S
value and lower R
S
value in the IEC1000-4-2 model are more
stringent than the Human Body Model. The larger storage capacitor injects a higher voltage to the test point
when SW2 is switched on. The lower current limiting resistor increases the current charge onto the test point.
Device Pin
Tested
IEC1000-4-2
Air Discharge
Level
Driver Outputs
Receiver Inputs
±15kV
±15kV
4
4


Similar Part No. - ILX3232DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3221 IKSEMICON-ILX3221 Datasheet
303Kb / 9P
   Auto Shutdown function provide low power consumption
More results

Similar Description - ILX3232DW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com