Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP2435 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2435
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2435 Datasheet(HTML) 2 Page - Supertex, Inc

  TP2435 Datasheet HTML 1Page - Supertex, Inc TP2435 Datasheet HTML 2Page - Supertex, Inc TP2435 Datasheet HTML 3Page - Supertex, Inc TP2435 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TP2435
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Thermal Characteristics
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ T
A = 25°C
°C/W
°C/W
TO-243AA
-231mA
-1.1A
1.6W
15
78
-231mA
-1.1A
* I
D (continuous) is limited by max rated Tj.
Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source
-350
V
V
GS = 0V, ID = -250µA
Breakdown Voltage
VGS(th)
Gate Threshold Voltage
-1.0
-2.4
V
VGS = VDS, ID= -1.0mA
∆VGS(th)
Change in V
GS(th) with Temperature
4.5
mV/°CVGS = VDS, ID= -1.0mA
IGSS
Gate Body Leakage
-100
nA
VGS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10.0
µAVGS = 0V, VDS = Max Rating
-1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
I
D(ON)
ON-State Drain Current
-0.3
V
GS = -4.5V, VDS = -25V
-0.8
VGS = -10V, VDS = -25V
RDS(ON)
15
VGS = -3.0V, ID = -20mA
15
V
GS = -4.5V, ID = -150mA
15
VGS = -10V, ID = -500mA
∆RDS(ON)
Change in RDS(ON) with Temperature
1.7
%/°CVGS = -10V, ID = -150mA
G
FS
Forward Transconductance
125
m
V
DS = -25V, ID = -350mA
CISS
Input Capacitance
200
C
OSS
Common Source Output Capacitance
70
pF
C
RSS
Reverse Transfer Capacitance
25
td(ON)
Turn-ON Delay Time
15
t
r
Rise Time
20
t
d(OFF)
Turn-OFF Delay Time
25
tf
Fall Time
50
V
SD
Diode Forward Voltage Drop
-1.5
V
V
GS = 0V, ISD = -750mA
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = -750mA
Notes:
1.All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
A
ns
VDD = -25V,
I
D = -250mA,
R
GEN = 25Ω
VGS = 0V, VDS = -25V
f = 1.0 MHz
Static Drain-to-Source
ON-State Resistance


Similar Part No. - TP2435

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2435 SUTEX-TP2435 Datasheet
642Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TP2435 MICROCHIP-TP2435 Datasheet
299Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP2435N8-G SUTEX-TP2435N8-G Datasheet
642Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TP2435N8G MICROCHIP-TP2435N8G Datasheet
299Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP2435 SUTEX-TP2435_13 Datasheet
642Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP2435

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com