Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2596Q Datasheet(PDF) 9 Page - IK Semicon Co., Ltd

Part # IL2596Q
Description  Switching Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2596Q Datasheet(HTML) 9 Page - IK Semicon Co., Ltd

Back Button IL2596Q Datasheet HTML 4Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 5Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 6Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 7Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 8Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 9Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 10Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 11Page - IK Semicon Co., Ltd IL2596Q Datasheet HTML 12Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IL2596-xx
Because of differences in the operation of the inverting regulator, the standard design procedure is not used to select the
inductor value. In the majority of designs, a 33 µH, 3.5A inductor is the best choice. Capacitor selection can also be narrowed
down to just a few values. Using the values shown in Figure 7will provide good results in the majority of inverting designs.
This type of inverting regulator can require relatively large amounts of input current when starting up, even with light
loads. Input currents as high as the IL2596 current limit (approx 4.5A) are needed for at least 2 ms or more, until the output
reaches its nominal output voltage. The actual time depends on the output voltage and the size of the output capacitor. Input
power sources that are current limited or sources that can not deliver these currents without getting loaded down, may not work
correctly. Because of the relatively high startup currents required by the inverting topology, the delayed startup feature (C1, R1
and R2) shown in Figure 7 is recommended. By delaying the regulator startup, the input capacitor is allowed to charge up to a
higher voltage before the switcher begins operating. A portion of the high input current needed for startup is now supplied by the
input capacitor (CIN). For severe start up conditions, the input capacitor can be made much larger than normal.
INVERTING REGULATOR SHUTDOWN METHODS
To use the ON /OFF pin in a standard buck configuration is simple, pull it below 1.3V (@25°C, referenced to ground) to
turn regulator ON, pull it above 1.3V to shut the regulator OFF. With the inverting configuration, some level shifting is required,
because the ground pin of the regulator is no longer at ground, but is now setting at the negative output voltage level. Two
different shutdown methods for inverting regulators are shown in Figure 9and 10.
Figure 9. Inverting Regulator Ground Referenced Shutdown
Figure 10. Inverting Regulator Ground Referenced Shutdown using Opto Device
9
Rev. 03


Similar Part No. - IL2596Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2595-12 IKSEMICON-IL2595-12 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12D2 IKSEMICON-IL2595-12D2 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12Q IKSEMICON-IL2595-12Q Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12S IKSEMICON-IL2595-12S Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-3 IKSEMICON-IL2595-3 Datasheet
651Kb / 12P
   Switching Voltage Regulators
More results

Similar Description - IL2596Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com